Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U211B3 Datasheet (PDF) - TEMIC Semiconductors

U211B3 Datasheet PDF - TEMIC Semiconductors
Part # U211B3
Download  U211B3 Download
File Size   322.02 Kbytes
Page   20 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description Phase Control Circuit - General Purpose Feedback

U211B3 Datasheet (PDF)

Go To PDF Page Download Datasheet
U211B3 Datasheet PDF - TEMIC Semiconductors

Part # U211B3
Download  U211B3 Click to download

File Size   322.02 Kbytes
Page   20 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description Phase Control Circuit - General Purpose Feedback

U211B3 Datasheet (HTML) - TEMIC Semiconductors


U211B3 Product details

Description

The integrated circuit U211B2/ B3 is designed as a phase control circuit in bipolar technology with an internal frequency-voltage converter. Furthermore, it has an internal control amplifier which means it can be used for speed regulated motor applications.It has an integrated load limitation, tacho monitoring and soft-start functions, etc. to realize sophisticated motor control systems.



Features

Internal frequency-to-voltage converter

Externally-controlled integrated amplifier

Overload limitation with a “fold back” characteristic

Optimized soft-start function

Tacho monitoring for shorted and open loop

Automatic retriggering switchable

Triggering pulse typ. 155 mA

Voltage and current synchronization

Internal supply-voltage monitoring

Temperature reference source

Current requirement ≤3 mA




Similar Part No. - U211B3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U211B ETC1-U211B Datasheet
188Kb / 1P
TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
logo
ATMEL Corporation
U211B ATMEL-U211B Datasheet
605Kb / 30P
Phase Control IC with Overload Limitation for Tacho Applications
U211B-XFPG3Y ATMEL-U211B-XFPG3Y Datasheet
605Kb / 30P
Phase Control IC with Overload Limitation for Tacho Applications
U211B-XFPY ATMEL-U211B-XFPY Datasheet
605Kb / 30P
Phase Control IC with Overload Limitation for Tacho Applications
U211B-XY ATMEL-U211B-XY Datasheet
605Kb / 30P
Phase Control IC with Overload Limitation for Tacho Applications
More results


Similar Description - U211B3

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE989 NTE-NTE989 Datasheet
27Kb / 4P
Integrated Circuit General Purpose Phase Lock Loop (PLL)
logo
TEMIC Semiconductors
TEA1007 TEMIC-TEA1007 Datasheet
124Kb / 8P
Simple Phase Control Circuit
U2008B TEMIC-U2008B Datasheet
122Kb / 10P
Low Cost Current Feedback Phase Control Circuit
U2010B TEMIC-U2010B Datasheet
202Kb / 12P
Phase Control Circuit for Current Feedback
U210B TEMIC-U210B Datasheet
378Kb / 15P
Phase Control Circuit - Load Current Feedback Applications
logo
Integral Corp.
IL2010B INTEGRAL-IL2010B Datasheet
274Kb / 7P
PHASE CONTROL CIRCUIT FOR CURRENT FEEDBACK
logo
TEMIC Semiconductors
U210B1 TEMIC-U210B1 Datasheet
166Kb / 12P
Phase Control Circuit Load Current Feedback Applications
logo
ARTSCHIP ELECTRONICS CO...
U2010B ARTSCHIP-U2010B Datasheet
3Mb / 11P
Phase Control Circuit for Current Feedback
logo
TEMIC Semiconductors
U111B TEMIC-U111B Datasheet
431Kb / 6P
Phase Control Circuit
logo
Mitel Networks Corporat...
TDA2086 MITEL-TDA2086 Datasheet
64Kb / 6P
PHASE CONTROL INTEGRATED CIRCUIT
MAY 1992
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com