Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA2525 Datasheet (PDF) - ATMEL Corporation

ATA2525 Datasheet PDF - ATMEL Corporation
Part # ATA2525
Download  ATA2525 Download
File Size   190.53 Kbytes
Page   12 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description IR Receiver ASSP

ATA2525 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATA2525 Datasheet PDF - ATMEL Corporation

Part # ATA2525
Download  ATA2525 Click to download

File Size   190.53 Kbytes
Page   12 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description IR Receiver ASSP

ATA2525 Datasheet (HTML) - ATMEL Corporation


ATA2525 Product details

Description
The Atmel® IC ATA2525 is a complete IR receiver for data communication that was developed and optimized for use in carrier-frequency-modulated transmission applications. The IC combines small size with high sensitivity as well as high suppression of noise from daylight and lamps. An innovative and patented pad layout offers unique flexibility for assembly of IR receiver modules. The Atmel ATA2525 is available with standard carrier frequencies (33, 36, 37, 38, 40kHz) and 3 different noise suppression regulation types (standard, lamp, noise) covering requirements of different high-volume remote control solutions (please refer to selection guide available for Atmel ATA2525/ATA2526). The Atmel ATA2525 operates in a supply voltage range of 4.5V to 5.5V.

Features
● No external components except PIN diode
● Supply-voltage range: 4.5V to 5.5V
● High sensitivity due to automatic sensitivity adaption (AGC) and automatic strong signal adaption (ATC)
● High immunity against disturbances from daylight and lamps
● Small size and innovative pad layout
● Available for carrier frequencies between 33kHz to 40kHz; adjusted by zener diode fusing
● TTL and CMOS compatible
● Suitable minimum burst length ≥ 10 pulses/burst

Applications
● Home entertainment applications
● Home appliances
● Remote control equipment




Similar Part No. - ATA2525

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA2525 ATMEL-ATA2525_14 Datasheet
566Kb / 12P
IR Receiver ASSP
More results


Similar Description - ATA2525

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2525 ATMEL-T2525 Datasheet
219Kb / 10P
IR RECEIVER ASSP
T2525 ATMEL-T2525_06 Datasheet
199Kb / 12P
IR Receiver ASSP
T2526 ATMEL-T2526_06 Datasheet
230Kb / 14P
Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526 Datasheet
224Kb / 14P
Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526_09 Datasheet
267Kb / 14P
Low-voltage IR Receiver ASSP
T2525 ATMEL-T2525_09 Datasheet
231Kb / 12P
IR Receiver ASSP
ATA2525 ATMEL-ATA2525_14 Datasheet
566Kb / 12P
IR Receiver ASSP
ATA2526 ATMEL-ATA2526_14 Datasheet
708Kb / 13P
Low-voltage IR Receiver ASSP
T2525 ATMEL-T2525_14 Datasheet
602Kb / 11P
IR Receiver ASSP
T2526 ATMEL-T2526_14 Datasheet
742Kb / 13P
Low-voltage IR Receiver ASSP
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com