Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA2526 Datasheet (PDF) - ATMEL Corporation

ATA2526 Datasheet PDF - ATMEL Corporation
Part # ATA2526
Download  ATA2526 Download
File Size   224.77 Kbytes
Page   14 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Low-voltage IR Receiver ASSP

ATA2526 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATA2526 Datasheet PDF - ATMEL Corporation

Part # ATA2526
Download  ATA2526 Click to download

File Size   224.77 Kbytes
Page   14 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Low-voltage IR Receiver ASSP

ATA2526 Datasheet (HTML) - ATMEL Corporation


ATA2526 Product details

Description
The Atmel® IC ATA2526 is a complete IR receiver for data communication that has been developed and optimized for use in carrier-frequency-modulated transmission applications. The IC combines small size with high sensitivity suppression of noise as caused by daylight and lamps. An innovative and patented pad layout offers unique flexibility for IR receiver module assembly. The Atmel ATA2526 is available with standard frequencies (33, 36, 37, 38, 40, 56kHz) and 3 different noise suppression regulation types (standard, lamp, short burst), thus covering the requirements of different high-volume remote control solutions (please refer to selection guide available for Atmel ATA2525/ATA2526). The Atmel ATA2526 operates in a supply voltage range of 2.7V to 5.5V.

Features
● No external components except PIN diode
● Supply-voltage range: 2.7V to 5.5V
● High sensitivity due to automatic sensitivity adaption (AGC) and automatic strong signal adaption (ATC)
● Automatic supply voltage adaptation
● High immunity against disturbances from daylight and lamps
● Small size and innovative pad layout
● Available for carrier frequencies between 33kHz to 40kHz and 56kHz; adjusted by zener diode fusing ±2.5%
● TTL and CMOS compatible

Applications
● Home entertainment applications
● Home appliances
● Remote control equipment




Similar Part No. - ATA2526

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA2526 ATMEL-ATA2526 Datasheet
262Kb / 14P
Low-voltage IR Receiver ASSP
ATA2526S1xxC-DDW ATMEL-ATA2526S1xxC-DDW Datasheet
262Kb / 14P
Low-voltage IR Receiver ASSP
ATA2526S3xxC-DDW ATMEL-ATA2526S3xxC-DDW Datasheet
262Kb / 14P
Low-voltage IR Receiver ASSP
ATA2526S7xxC-DDW ATMEL-ATA2526S7xxC-DDW Datasheet
262Kb / 14P
Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526_09 Datasheet
262Kb / 14P
Low-voltage IR Receiver ASSP
More results


Similar Description - ATA2526

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2526 ATMEL-T2526 Datasheet
234Kb / 12P
LOW-VOLTAGE IR RECEIVER ASSP
T2525 ATMEL-T2525 Datasheet
219Kb / 10P
IR RECEIVER ASSP
T2525 ATMEL-T2525_06 Datasheet
199Kb / 12P
IR Receiver ASSP
T2526 ATMEL-T2526_06 Datasheet
230Kb / 14P
Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526_09 Datasheet
267Kb / 14P
Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526_09 Datasheet
262Kb / 14P
Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526_14 Datasheet
708Kb / 13P
Low-voltage IR Receiver ASSP
ATA2536T ATMEL-ATA2536T_14 Datasheet
729Kb / 14P
Low-voltage IR Receiver ASSP
T2525 ATMEL-T2525_14 Datasheet
602Kb / 11P
IR Receiver ASSP
T2526 ATMEL-T2526_14 Datasheet
742Kb / 13P
Low-voltage IR Receiver ASSP
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com