Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2526 Datasheet (PDF) - ATMEL Corporation

T2526 Datasheet PDF - ATMEL Corporation
Part # T2526
Download  T2526 Download
File Size   234.65 Kbytes
Page   12 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description LOW-VOLTAGE IR RECEIVER ASSP

T2526 Datasheet (PDF)

Go To PDF Page Download Datasheet
T2526 Datasheet PDF - ATMEL Corporation

Part # T2526
Download  T2526 Click to download

File Size   234.65 Kbytes
Page   12 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description LOW-VOLTAGE IR RECEIVER ASSP

T2526 Datasheet (HTML) - ATMEL Corporation


T2526 Product details

Description
The Atmel® IC T2526 is a complete IR receiver for data communication developed and optimized for use in carrierfrequency-modulated transmission applications. The IC offers highest sensitivity as well as highest suppression of noise from daylight and lamps. The Atmel T2526 is available with broadest range of frequencies (30, 33, 36, 37, 38, 40, 44, 56kHz) and 3 different noise suppression regulation types (standard, lamp, short burst) covering requirements of high-end remote control solutions (please refer to selection guide available for Atmel T2525/T2526). Atmel The T2526 operates in a supply voltage range of 2.7V to 5.5V.

Features
● No external components except PIN diode
● Supply-voltage range: 2.7V to 5.5V
● Highest sensitivity due to automatic sensitivity adaption (AGC) and automatic strong signal adaption (ATC)
● Automatic supply voltage adaptation
● Highest immunity against disturbances from daylight and lamps
● Available for carrier frequencies between 30kHz to 56kHz; adjusted by zener-diode fusing ±2.5%
● TTL and CMOS compatible

Applications
● Home entertainment applications (audio/video)
● Home appliances
● Remote control equipment




Similar Part No. - T2526

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2526 ATMEL-T2526 Datasheet
230Kb / 14P
Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526 Datasheet
267Kb / 14P
Low-voltage IR Receiver ASSP
T2526N0XX-DDW ATMEL-T2526N0XX-DDW Datasheet
230Kb / 14P
Low-voltage IR Receiver ASSP
T2526N1XX-DDW ATMEL-T2526N1XX-DDW Datasheet
230Kb / 14P
Low-voltage IR Receiver ASSP
T2526N2XX-DDW ATMEL-T2526N2XX-DDW Datasheet
230Kb / 14P
Low-voltage IR Receiver ASSP
More results


Similar Description - T2526

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2525 ATMEL-T2525 Datasheet
219Kb / 10P
IR RECEIVER ASSP
T2525 ATMEL-T2525_06 Datasheet
199Kb / 12P
IR Receiver ASSP
T2526 ATMEL-T2526_06 Datasheet
230Kb / 14P
Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526 Datasheet
224Kb / 14P
Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526_09 Datasheet
267Kb / 14P
Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526_09 Datasheet
262Kb / 14P
Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526_14 Datasheet
708Kb / 13P
Low-voltage IR Receiver ASSP
ATA2536T ATMEL-ATA2536T_14 Datasheet
729Kb / 14P
Low-voltage IR Receiver ASSP
T2525 ATMEL-T2525_14 Datasheet
602Kb / 11P
IR Receiver ASSP
T2526 ATMEL-T2526_14 Datasheet
742Kb / 13P
Low-voltage IR Receiver ASSP
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com