Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTINY45 Datasheet (PDF) - ATMEL Corporation

ATTINY45 Datasheet PDF - ATMEL Corporation
Part # ATTINY45
Download  ATTINY45 Download
File Size   300.23 Kbytes
Page   25 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 4K Bytes In-System Programmable Flash

ATTINY45 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATTINY45 Datasheet PDF - ATMEL Corporation

Part # ATTINY45
Download  ATTINY45 Click to download

File Size   300.23 Kbytes
Page   25 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 4K Bytes In-System Programmable Flash

ATTINY45 Datasheet (HTML) - ATMEL Corporation


ATTINY45 Product details

Overview
The ATtiny25/45/85 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the ATtiny25/45/85 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.

Features
• High Performance, Low Power AVR® 8-Bit Microcontroller
• Advanced RISC Architecture
   – 120 Powerful Instructions – Most Single Clock Cycle Execution
   – 32 x 8 General Purpose Working Registers
   – Fully Static Operation
• Non-volatile Program and Data Memories
   – 2/4/8K Bytes of In-System Programmable Program Memory Flash
• Endurance: 10,000 Write/Erase Cycles
   – 128/256/512 Bytes In-System Programmable EEPROM
• Endurance: 100,000 Write/Erase Cycles
   – 128/256/512 Bytes Internal SRAM
   – Programming Lock for Self-Programming Flash Program and EEPROM Data Security
• Peripheral Features
   – 8-bit Timer/Counter with Prescaler and Two PWM Channels
   – 8-bit High Speed Timer/Counter with Separate Prescaler
• 2 High Frequency PWM Outputs with Separate Output Compare Registers
• Programmable Dead Time Generator
   – USI – Universal Serial Interface with Start Condition Detector
   – 10-bit ADC
• 4 Single Ended Channels
• 2 Differential ADC Channel Pairs with Programmable Gain (1x, 20x)
• Temperature Measurement
   – Programmable Watchdog Timer with Separate On-chip Oscillator
   – On-chip Analog Comparator
• Special Microcontroller Features
   – debugWIRE On-chip Debug System
   – In-System Programmable via SPI Port
   – External and Internal Interrupt Sources
   – Low Power Idle, ADC Noise Reduction, and Power-down Modes
   – Enhanced Power-on Reset Circuit
   – Programmable Brown-out Detection Circuit
   – Internal Calibrated Oscillator
• I/O and Packages
   – Six Programmable I/O Lines
   – 8-pin PDIP, 8-pin SOIC, 20-pad QFN/MLF, and 8-pin TSSOP (only ATtiny45/V)
• Operating Voltage
   – 1.8 - 5.5V for ATtiny25V/45V/85V
   – 2.7 - 5.5V for ATtiny25/45/85
• Speed Grade
   – ATtiny25V/45V/85V: 0 – 4 MHz @ 1.8 - 5.5V, 0 - 10 MHz @ 2.7 - 5.5V
   – ATtiny25/45/85: 0 – 10 MHz @ 2.7 - 5.5V, 0 - 20 MHz @ 4.5 - 5.5V
• Industrial Temperature Range
• Low Power Consumption
   – Active Mode:
      • 1 MHz, 1.8V: 300 µA
   – Power-down Mode:
      • 0.1 µA at 1.8V




Similar Part No. - ATTINY45

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY45 ATMEL-ATTINY45 Datasheet
247Kb / 24P
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY45 ATMEL-ATTINY45 Datasheet
2Mb / 222P
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY45 ATMEL-ATTINY45 Datasheet
1Mb / 201P
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY45 ATMEL-ATTINY45 Datasheet
539Kb / 28P
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATtiny45 ATMEL-ATtiny45 Datasheet
3Mb / 196P
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
More results


Similar Description - ATTINY45

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S2333 ATMEL-AT90S2333 Datasheet
323Kb / 13P
8-bit Microcontroller with 2K/4K bytes In-System Programmable Flash
AT90S4414 ATMEL-AT90S4414 Datasheet
736Kb / 10P
8-Bit Microcontroller with 4K bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51 Datasheet
242Kb / 27P
8-bit Microcontroller with 4K Bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51_05 Datasheet
416Kb / 32P
8-bit Microcontroller with 4K Bytes In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A Datasheet
545Kb / 20P
8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51_08 Datasheet
496Kb / 31P
8-bit Microcontroller with 4K Bytes In-System Programmable Flash
AT89LP428 ATMEL-AT89LP428 Datasheet
4Mb / 149P
8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
ATTINY40 ATMEL-ATTINY40 Datasheet
6Mb / 216P
8-bit AVR Microcontroller with 4K Bytes In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A_10 Datasheet
703Kb / 22P
8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
ATTINY2313A ATMEL-ATTINY2313A Datasheet
635Kb / 20P
8-bit Microcontroller with 2/4K Bytes In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com