Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTINY40 Datasheet (PDF) - ATMEL Corporation

ATTINY40 Datasheet PDF - ATMEL Corporation
Part # ATTINY40
Download  ATTINY40 Download
File Size   6195.48 Kbytes
Page   216 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit AVR Microcontroller with 4K Bytes In-System Programmable Flash

ATTINY40 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATTINY40 Datasheet PDF - ATMEL Corporation

Part # ATTINY40
Download  ATTINY40 Click to download

File Size   6195.48 Kbytes
Page   216 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit AVR Microcontroller with 4K Bytes In-System Programmable Flash

ATTINY40 Datasheet (HTML) - ATMEL Corporation


ATTINY40 Product details

Overview

ATtiny40 is a low-power CMOS 8-bit microcontroller based on the compact AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the ATtiny40 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.



Features

• High Performance, Low Power AVR® 8-Bit Microcontroller

• Advanced RISC Architecture

   – 54 Powerful Instructions – Most Single Clock Cycle Execution

   – 16 x 8 General Purpose Working Registers

   – Fully Static Operation

   – Up to 12 MIPS Throughput at 12 MHz

• Non-volatile Program and Data Memories

   – 4K Bytes of In-System Programmable Flash Program Memory

   – 256 Bytes Internal SRAM

   – Flash Write/Erase Cycles: 10,000

   – Data Retention: 20 Years at 85oC / 100 Years at 25oC

• Peripheral Features

   – One 8-bit Timer/Counter with Two PWM Channels

   – One 8/16-bit Timer/Counter

   – 10-bit Analog to Digital Converter

• 12 Single-Ended Channels

   – Programmable Watchdog Timer with Separate On-chip Oscillator

   – On-chip Analog Comparator

   – Master/Slave SPI Serial Interface

   – Slave TWI Serial Interface

• Special Microcontroller Features

   – In-System Programmable

   – External and Internal Interrupt Sources

   – Low Power Idle, ADC Noise Reduction, Stand-by and Power-down Modes

   – Enhanced Power-on Reset Circuit

   – Internal Calibrated Oscillator

• I/O and Packages

   – 20-pin SOIC/TSSOP: 18 Programmable I/O Lines

   – 20-pad VQFN/MLF: 18 Programmable I/O Lines

• Operating Voltage:

   – 1.8 – 5.5V

• Programming Voltage:

   – 5V

• Speed Grade

   – 0 – 4 MHz @ 1.8 – 5.5V

   – 0 – 8 MHz @ 2.7 – 5.5V

   – 0 – 12 MHz @ 4.5 – 5.5V

• Industrial Temperature Range

• Low Power Consumption

   – Active Mode:

• 200 µA at 1 MHz and 1.8V

   – Idle Mode:

• 25 µA at 1 MHz and 1.8V

   – Power-down Mode:

• < 0.1 µA at 1.8V



 




Similar Part No. - ATTINY40

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ATTINY402 MICROCHIP-ATTINY402 Datasheet
3Mb / 522P
tinyAVR짰 0-series
2021
ATTINY402-SSF MICROCHIP-ATTINY402-SSF Datasheet
3Mb / 522P
tinyAVR짰 0-series
2021
ATTINY402-SSFR MICROCHIP-ATTINY402-SSFR Datasheet
3Mb / 522P
tinyAVR짰 0-series
2021
ATTINY402-SSN MICROCHIP-ATTINY402-SSN Datasheet
3Mb / 522P
tinyAVR짰 0-series
2021
ATTINY402-SSNR MICROCHIP-ATTINY402-SSNR Datasheet
3Mb / 522P
tinyAVR짰 0-series
2021
More results


Similar Description - ATTINY40

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S4414 ATMEL-AT90S4414 Datasheet
736Kb / 10P
8-Bit Microcontroller with 4K bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51 Datasheet
242Kb / 27P
8-bit Microcontroller with 4K Bytes In-System Programmable Flash
ATMEGA16 ATMEL-ATMEGA16 Datasheet
2Mb / 315P
8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
AT90S4433 ATMEL-AT90S4433 Datasheet
1Mb / 126P
8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313 Datasheet
2Mb / 211P
8-bit AVR Microcontroller with 2K Bytes In-System Programmable Flash
ATMEGA8535L ATMEL-ATMEGA8535L Datasheet
264Kb / 22P
8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA32 ATMEL-ATMEGA32_06 Datasheet
3Mb / 347P
8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51_05 Datasheet
416Kb / 32P
8-bit Microcontroller with 4K Bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51_08 Datasheet
496Kb / 31P
8-bit Microcontroller with 4K Bytes In-System Programmable Flash
ATTINY45 ATMEL-ATTINY45 Datasheet
300Kb / 25P
8-bit Microcontroller with 4K Bytes In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com