Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS57C71C Datasheet (PDF) - STMicroelectronics

WS57C71C Datasheet PDF - STMicroelectronics
Part # WS57C71C
Download  WS57C71C Download
File Size   19.16 Kbytes
Page   2 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MILITARY HIGH SPEED 32K x 8 CMOS PROM/RPROM

WS57C71C Datasheet (PDF)

Go To PDF Page Download Datasheet
WS57C71C Datasheet PDF - STMicroelectronics

Part # WS57C71C
Download  WS57C71C Click to download

File Size   19.16 Kbytes
Page   2 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MILITARY HIGH SPEED 32K x 8 CMOS PROM/RPROM

WS57C71C Datasheet (HTML) - STMicroelectronics


WS57C71C Product details

GENERAL DESCRIPTION
The WS57C71C is a High Performance 256K UV Erasable Electrically Re-Programmable Read Only Memory (RPROM). It is manufactured in an advanced CMOS technology and utilizes WSIs patented self-aligned split gate EPROM cell.
The industry standard PROM pin configuration of the WS57C71C provides an easy upgrade path from a 16K x 8 device.
This RPROM is capable of operating at speeds as fast as 35 ns address access time, which enables it to be used directly with todays fast microprocessors and DSP processors without introducing any wait states. All inputs and outputs are TTL compatible. The WS57C71C is a low power device even when operated at its fastest speed. The DIP version is packaged in a 300 mil wide DIP package saving board space for the user.

KEY FEATURES
• Ultra-Fast Access Time
   — 45 ns
• Low Power Consumption
• Fast Programming
• Immune to Latch-UP
   — Up to 200 mA
• ESD Protection Exceeds 2000V
• Available in 300 and 600 Mil DIP and CLLCC




Similar Part No. - WS57C71C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS57C71C STMICROELECTRONICS-WS57C71C Datasheet
54Kb / 7P
HIGH SPEED 32K x 8 CMOS PROM/RPROM
WS57C71C-35 STMICROELECTRONICS-WS57C71C-35 Datasheet
54Kb / 7P
HIGH SPEED 32K x 8 CMOS PROM/RPROM
WS57C71C-35J STMICROELECTRONICS-WS57C71C-35J Datasheet
54Kb / 7P
HIGH SPEED 32K x 8 CMOS PROM/RPROM
WS57C71C-35L STMICROELECTRONICS-WS57C71C-35L Datasheet
54Kb / 7P
HIGH SPEED 32K x 8 CMOS PROM/RPROM
WS57C71C-35T STMICROELECTRONICS-WS57C71C-35T Datasheet
54Kb / 7P
HIGH SPEED 32K x 8 CMOS PROM/RPROM
More results


Similar Description - WS57C71C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS57C191C-1 STMICROELECTRONICS-WS57C191C-1 Datasheet
17Kb / 2P
MILITARY HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C191C STMICROELECTRONICS-WS57C191C Datasheet
54Kb / 7P
HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C43C-1 STMICROELECTRONICS-WS57C43C-1 Datasheet
19Kb / 2P
MILITARY HIGH SPED 4K x 8 CMOS PROM/RPROM
WS57C43C STMICROELECTRONICS-WS57C43C Datasheet
53Kb / 7P
HIGH SPEED 4K x 8 CMOS PROM/RPROM
WS57C45-1 STMICROELECTRONICS-WS57C45-1 Datasheet
16Kb / 2P
MILITARY 2K x 8 REGISTERED CMOS PROM/RPROM
WS57C49C-1 STMICROELECTRONICS-WS57C49C-1 Datasheet
19Kb / 2P
MILITARY HIGH SPEED 8K x 8 CMOS PROM/RPROM
WS57C49C STMICROELECTRONICS-WS57C49C Datasheet
52Kb / 7P
HIGH SPEED 8K x 8 CMOS PROM/RPROM
WS57C51C-1 STMICROELECTRONICS-WS57C51C-1 Datasheet
19Kb / 2P
MILITARY HIGH SPEED 16K x 8 CMOS PROM/RPROM
WS57C51C STMICROELECTRONICS-WS57C51C Datasheet
53Kb / 7P
HIGH SPEED 16K x 8 CMOS PROM/RPROM
WS57C71C STMICROELECTRONICS-WS57C71C Datasheet
54Kb / 7P
HIGH SPEED 32K x 8 CMOS PROM/RPROM
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com