Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS57C71C Datasheet(PDF) 2 Page - STMicroelectronics

Part # WS57C71C
Description  MILITARY HIGH SPEED 32K x 8 CMOS PROM/RPROM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WS57C71C Datasheet(HTML) 2 Page - STMicroelectronics

  WS57C71C Datasheet HTML 1Page - STMicroelectronics WS57C71C Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WS57C71C
4-14
ORDERING INFORMATION
OPERATING
WSI
PART NUMBER
TEMPERATURE MANUFACTURING
RANGE
PROCEDURE
WS57C71C-45TMB
45
28 Pin CERDIP, 0.3"
T2
Military
MIL-STD-883C
WS57C71C-55CMB
55
32 Pad CLLCC
C2
Military
MIL-STD-883C
WS57C71C-55DMB
55
28 Pin CERDIP, 0.6"
D2
Military
MIL-STD-883C
WS57C71C-55TMB
55
28 Pin CERDIP, 0.3"
T2
Military
MIL-STD-883C
WS57C71C-70TMB
70
28 Pin CERDIP, 0.3"
T2
Military
MIL-STD-883C
SPEED
PACKAGE
PACKAGE
(ns)
TYPE
DRAWING
PROGRAMMING/ALGORITHMS/ERASURE/PROGRAMMERS
REFER TO
PAGE 5-1
The WS57C71C is programmed using Algorithm D shown on page 5-9.
NOTE: 9. The actual part marking will not include the initials "WS."
For complete data sheet and electrical specifications see page 2-55.
Return to Main Menu



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com