Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL181-019.2M Datasheet (PDF) - Connor-Winfield Corporation

AL181-019.2M Datasheet PDF - Connor-Winfield Corporation
Part # AL181-019.2M
Download  AL181-019.2M Download
File Size   145.12 Kbytes
Page   2 Pages
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation
Description 3.3V SURFACE MOUNT 9x14mm Clipped Sinewave OCVCXO

AL181-019.2M Datasheet (PDF)

Go To PDF Page Download Datasheet
AL181-019.2M Datasheet PDF - Connor-Winfield Corporation

Part # AL181-019.2M
Download  AL181-019.2M Click to download

File Size   145.12 Kbytes
Page   2 Pages
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation
Description 3.3V SURFACE MOUNT 9x14mm Clipped Sinewave OCVCXO

AL181-019.2M Datasheet (HTML) - Connor-Winfield Corporation




Similar Part No. - AL181-019.2M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AL18 ETC2-AL18 Datasheet
722Kb / 6P
Lock Kit for Cla mp Cover Junction Boxes
logo
Richco, Inc.
AL18 RICHCO-AL18 Datasheet
52Kb / 1P
CABLE CLAMPS, ALUMINUM
01-18-95
logo
Pentair Equipment Prote...
AL18 HOFFMANPRODUCTS-AL18 Datasheet
697Kb / 6P
Locks, Lockouts, Latches, Ha ndles and Clamps
logo
Altech corporation
AL1808-6 ALTECH-AL1808-6 Datasheet
100Kb / 1P
ALUMINUM ENCLOSURE AL 1808-6
More results


Similar Description - AL181-019.2M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
EML5234 CONNOR-WINFIELD-EML5234 Datasheet
184Kb / 2P
3.3V 9x14mm SURFACE MOUNT LVPECL CLOCK OSCILLATOR
OVA5AB1BA CONNOR-WINFIELD-OVA5AB1BA Datasheet
151Kb / 2P
14 PIN DIP 5.0V SINEWAVE OCVCXO
OVA5BB1BA CONNOR-WINFIELD-OVA5BB1BA Datasheet
145Kb / 2P
SURFACE MOUNT 5.0V SINEWAVE OCVCXO
OVC5DE1BA CONNOR-WINFIELD-OVC5DE1BA Datasheet
101Kb / 2P
5.0V SURFACE MOUNT SINEWAVE OCVCXO
OVC5EE3BA CONNOR-WINFIELD-OVC5EE3BA Datasheet
111Kb / 2P
5V SINEWAVE OCVCXO
OVC5EQ2BB CONNOR-WINFIELD-OVC5EQ2BB Datasheet
92Kb / 2P
5.0V Sinewave OCVCXO
logo
EUROQUARTZ limited
EM22S EUROQUARTZ-EM22S Datasheet
138Kb / 2P
Clipped Sinewave Output
logo
Pericom Semiconductor C...
JT325 PERICOM-JT325 Datasheet
883Kb / 2P
1.8V ~ 3.3VDC Clipped Sinewave TCXO
logo
Connor-Winfield Corpora...
TCXO-VCTCXO CONNOR-WINFIELD-TCXO-VCTCXO Datasheet
1Mb / 6P
LVCMOS or Clipped Sinewave
logo
MMD Components
MTWS33 MMD-MTWS33 Datasheet
144Kb / 3P
Clipped Sinewave Output
More results




About Connor-Winfield Corporation


The Connor-Winfield Corporation is a global manufacturer of frequency control, timing, and synchronization products for the telecommunications, aerospace, military, and industrial markets. The company was founded in 1963 and is headquartered in Aurora, Illinois, USA.

Connor-Winfield's product line includes quartz crystals, clock oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and precision timing modules. These products are used in a wide range of applications, including wireless communications, networking, precision timing, military and aerospace systems, and industrial automation.

In addition to its standard product offerings, Connor-Winfield also offers custom-designed products to meet specific customer requirements. The company has a global customer base and sells its products through a network of sales representatives and distributors worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com