Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVC5EE3BA Datasheet (PDF) - Connor-Winfield Corporation

OVC5EE3BA Datasheet PDF - Connor-Winfield Corporation
Part # OVC5EE3BA
Download  OVC5EE3BA Download
File Size   111.43 Kbytes
Page   2 Pages
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation
Description 5V SINEWAVE OCVCXO

OVC5EE3BA Datasheet (PDF)

Go To PDF Page Download Datasheet
OVC5EE3BA Datasheet PDF - Connor-Winfield Corporation

Part # OVC5EE3BA
Download  OVC5EE3BA Click to download

File Size   111.43 Kbytes
Page   2 Pages
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation
Description 5V SINEWAVE OCVCXO

OVC5EE3BA Datasheet (HTML) - Connor-Winfield Corporation




Similar Part No. - OVC5EE3BA

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
OVC5EK1AB CONNOR-WINFIELD-OVC5EK1AB Datasheet
178Kb / 2P
5V HCMOS OCVCXO
OVC5EK1AB-13.000M CONNOR-WINFIELD-OVC5EK1AB-13.000M Datasheet
178Kb / 2P
5V HCMOS OCVCXO
OVC5EQ2BB CONNOR-WINFIELD-OVC5EQ2BB Datasheet
92Kb / 2P
5.0V Sinewave OCVCXO
OVC5EQ2BB-040.0M CONNOR-WINFIELD-OVC5EQ2BB-040.0M Datasheet
92Kb / 2P
5.0V Sinewave OCVCXO
More results


Similar Description - OVC5EE3BA

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
AL181 CONNOR-WINFIELD-AL181 Datasheet
145Kb / 2P
3.3V SURFACE MOUNT 9x14mm Clipped Sinewave OCVCXO
OVA5AB1BA CONNOR-WINFIELD-OVA5AB1BA Datasheet
151Kb / 2P
14 PIN DIP 5.0V SINEWAVE OCVCXO
OVA5BB1BA CONNOR-WINFIELD-OVA5BB1BA Datasheet
145Kb / 2P
SURFACE MOUNT 5.0V SINEWAVE OCVCXO
OVC5DE1BA CONNOR-WINFIELD-OVC5DE1BA Datasheet
101Kb / 2P
5.0V SURFACE MOUNT SINEWAVE OCVCXO
OVC5EK1AB CONNOR-WINFIELD-OVC5EK1AB Datasheet
178Kb / 2P
5V HCMOS OCVCXO
OVC5EQ2BB CONNOR-WINFIELD-OVC5EQ2BB Datasheet
92Kb / 2P
5.0V Sinewave OCVCXO
logo
Crystek Corporation
CCO-983 CRYSTEKCRYSTAL-CCO-983_15 Datasheet
158Kb / 2P
9횞14 mm SMD, 3.3V/5V, SineWave
logo
Golledge Electronics Lt...
GTXO-S14T GOLLEDGE-GTXO-S14T Datasheet
547Kb / 4P
3.3 & 5V Stratum 3 Sinewave TCXO
logo
CRYSTEK CORPORATION
CPROBS5-0010 CRYSTEKMICROWAVE-CPROBS5-0010 Datasheet
501Kb / 2P
BNC PRO, 5V, Sinewave Clock
CPROBS5-0100 CRYSTEKMICROWAVE-CPROBS5-0100 Datasheet
474Kb / 2P
BNC PRO, 5V, Sinewave Clock
More results




About Connor-Winfield Corporation


The Connor-Winfield Corporation is a global manufacturer of frequency control, timing, and synchronization products for the telecommunications, aerospace, military, and industrial markets. The company was founded in 1963 and is headquartered in Aurora, Illinois, USA.

Connor-Winfield's product line includes quartz crystals, clock oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and precision timing modules. These products are used in a wide range of applications, including wireless communications, networking, precision timing, military and aerospace systems, and industrial automation.

In addition to its standard product offerings, Connor-Winfield also offers custom-designed products to meet specific customer requirements. The company has a global customer base and sells its products through a network of sales representatives and distributors worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com