Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVC5EE3BA Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # OVC5EE3BA
Description  5V SINEWAVE OCVCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

OVC5EE3BA Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  OVC5EE3BA Datasheet HTML 1Page - Connor-Winfield Corporation OVC5EE3BA Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - OVC5EE3BA

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
OVC5EK1AB CONNOR-WINFIELD-OVC5EK1AB Datasheet
178Kb / 2P
5V HCMOS OCVCXO
OVC5EK1AB-13.000M CONNOR-WINFIELD-OVC5EK1AB-13.000M Datasheet
178Kb / 2P
5V HCMOS OCVCXO
OVC5EQ2BB CONNOR-WINFIELD-OVC5EQ2BB Datasheet
92Kb / 2P
5.0V Sinewave OCVCXO
OVC5EQ2BB-040.0M CONNOR-WINFIELD-OVC5EQ2BB-040.0M Datasheet
92Kb / 2P
5.0V Sinewave OCVCXO
More results

Similar Description - OVC5EE3BA

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
AL181 CONNOR-WINFIELD-AL181 Datasheet
145Kb / 2P
3.3V SURFACE MOUNT 9x14mm Clipped Sinewave OCVCXO
OVA5AB1BA CONNOR-WINFIELD-OVA5AB1BA Datasheet
151Kb / 2P
14 PIN DIP 5.0V SINEWAVE OCVCXO
OVA5BB1BA CONNOR-WINFIELD-OVA5BB1BA Datasheet
145Kb / 2P
SURFACE MOUNT 5.0V SINEWAVE OCVCXO
OVC5DE1BA CONNOR-WINFIELD-OVC5DE1BA Datasheet
101Kb / 2P
5.0V SURFACE MOUNT SINEWAVE OCVCXO
OVC5EK1AB CONNOR-WINFIELD-OVC5EK1AB Datasheet
178Kb / 2P
5V HCMOS OCVCXO
OVC5EQ2BB CONNOR-WINFIELD-OVC5EQ2BB Datasheet
92Kb / 2P
5.0V Sinewave OCVCXO
logo
Crystek Corporation
CCO-983 CRYSTEKCRYSTAL-CCO-983_15 Datasheet
158Kb / 2P
9횞14 mm SMD, 3.3V/5V, SineWave
logo
Golledge Electronics Lt...
GTXO-S14T GOLLEDGE-GTXO-S14T Datasheet
547Kb / 4P
3.3 & 5V Stratum 3 Sinewave TCXO
logo
CRYSTEK CORPORATION
CPROBS5-0010 CRYSTEKMICROWAVE-CPROBS5-0010 Datasheet
501Kb / 2P
BNC PRO, 5V, Sinewave Clock
CPROBS5-0100 CRYSTEKMICROWAVE-CPROBS5-0100 Datasheet
474Kb / 2P
BNC PRO, 5V, Sinewave Clock
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com