Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HX5004 Datasheet (PDF) - HBH Microwave GmbH

HX5004 Datasheet PDF - HBH Microwave GmbH
Part # HX5004
Download  HX5004 Download
File Size   21.25 Kbytes
Page   1 Pages
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Description 5.4 - 5.9 GHz GaAs Double Balanced Mixer

HX5004 Datasheet (PDF)

Go To PDF Page Download Datasheet
HX5004 Datasheet PDF - HBH Microwave GmbH

Part # HX5004
Download  HX5004 Click to download

File Size   21.25 Kbytes
Page   1 Pages
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Description 5.4 - 5.9 GHz GaAs Double Balanced Mixer

HX5004 Datasheet (HTML) - HBH Microwave GmbH




Similar Part No. - HX5004

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
HX5004 PULSE-HX5004 Datasheet
203Kb / 4P
1000BASE-T MAGNETICS MODULES Designed to Support 1:1 Turns Ratio Transceivers
HX5004 PULSE-HX5004 Datasheet
203Kb / 4P
Designed to Support 1:1 Turns Ratio Transceivers
HX5004 PULSE-HX5004 Datasheet
203Kb / 4P
1000BASE-T MAGNETICS MODULES
HX5004EFNL PULSE-HX5004EFNL Datasheet
472Kb / 3P
MDL,SIN,1GD,1:1,SM,TU
HX5004ENL PULSE-HX5004ENL Datasheet
325Kb / 3P
MDL,SIN,1GD,1:1,SM,TU
More results


Similar Description - HX5004

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4EX2401 MACOM-MA4EX2401 Datasheet
422Kb / 4P
GaAs MMIC Double Balanced 24 GHz Mixer
logo
HBH Microwave GmbH
HX5005 HBH-HX5005 Datasheet
39Kb / 2P
2 - 7 GHz GaAs Double Balanced Mixer
logo
Marki Microwave
MM1-0312SSM MARKIMICROWAVE-MM1-0312SSM Datasheet
680Kb / 9P
GaAs DOUBLE-BALANCED MIXER
MM1-0320H MARKIMICROWAVE-MM1-0320H Datasheet
733Kb / 8P
GaAs DOUBLE-BALANCED MIXER
MM1-0424S MARKIMICROWAVE-MM1-0424S Datasheet
715Kb / 8P
GaAs DOUBLE-BALANCED MIXER
MM1-1140H MARKIMICROWAVE-MM1-1140H Datasheet
797Kb / 9P
GaAs DOUBLE-BALANCED MIXER
MM1-1240S MARKIMICROWAVE-MM1-1240S Datasheet
775Kb / 9P
GaAs DOUBLE-BALANCED MIXER
MM1-1850H MARKIMICROWAVE-MM1-1850H Datasheet
744Kb / 8P
GaAs DOUBLE-BALANCED MIXER
MM1-1850S MARKIMICROWAVE-MM1-1850S Datasheet
563Kb / 8P
GaAs DOUBLE-BALANCED MIXER
MM1-2567L MARKIMICROWAVE-MM1-2567L Datasheet
541Kb / 7P
GaAs DOUBLE-BALANCED MIXER
More results




About HBH Microwave GmbH


HBH Microwave GmbH is a leading manufacturer of high-quality microwave components and subsystems for the telecommunications, aerospace, defense, and scientific research industries. The company was founded in Germany in 1996 and has since established itself as a trusted provider of advanced microwave technologies.

HBH Microwave's product portfolio includes a wide range of microwave components, such as amplifiers, mixers, filters, couplers, and antennas. The company also offers customized solutions for specific applications, including subsystems and integrated microwave assemblies.

The company's engineering team has extensive experience in developing advanced microwave technologies for demanding applications. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

HBH Microwave has a strong focus on quality and reliability. The company's products are manufactured to the highest standards and undergo rigorous testing to ensure their performance and reliability. They are also designed to meet the demanding requirements of military and aerospace applications.

Overall, HBH Microwave is a trusted provider of high-quality microwave components and subsystems. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com