Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT0740 Datasheet (PDF) - Supertex, Inc

HT0740 Datasheet PDF - Supertex, Inc
Part # HT0740
Download  HT0740 Download
File Size   72.54 Kbytes
Page   3 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High Voltage Isolated MOSFET Driver

HT0740 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT0740 Datasheet PDF - Supertex, Inc

Part # HT0740
Download  HT0740 Click to download

File Size   72.54 Kbytes
Page   3 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High Voltage Isolated MOSFET Driver

HT0740 Datasheet (HTML) - Supertex, Inc


HT0740 Product details

General Description
The Supertex HT07 is a single channel high voltage low input current isolated driver utilizing Supertex’s proprietary HVCMOS® technology. It is designed to drive discrete MOSFETs configured as high side switches up to 400V. The HT07 generates an independent DC isolated voltage across the pair of outputs when the logic input is at a logic high. The HT07 does not require any external power supplies. The internal supply voltage is supplied from the logic input when it is in the high state.

Features
□ ±400V input to output isolation
□ No external voltage supply required
□ Low input logic current, 200µA max
□ Floating isolated output
□ 5.0V logic compatible

Applications
□ Telecommunications
□ Modems
□ Solid state relays
□ High side switches
□ High end audio switches
□ Avionics
□ ATE




Similar Part No. - HT0740

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HT0740 SUTEX-HT0740 Datasheet
436Kb / 4P
High Voltage, Isolated MOSFET Driver
logo
Microchip Technology
HT0740 MICROCHIP-HT0740 Datasheet
369Kb / 12P
High-Voltage Isolated MOSFET Driver
06/23/16
logo
Supertex, Inc
HT0740LG SUTEX-HT0740LG Datasheet
436Kb / 4P
High Voltage, Isolated MOSFET Driver
HT0740LG-G SUTEX-HT0740LG-G Datasheet
436Kb / 4P
High Voltage, Isolated MOSFET Driver
HT0740LG-G SUTEX-HT0740LG-G Datasheet
657Kb / 4P
High Voltage, Isolated MOSFET Driver
More results


Similar Description - HT0740

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HT0440 SUTEX-HT0440 Datasheet
84Kb / 4P
Dual High Voltage Isolated MOSFET Driver
logo
Teledyne Technologies I...
TC4803 TELEDYNE-TC4803 Datasheet
359Kb / 5P
1.4A HIGH - SPEED OPTO-ISOLATED POWER MOSFET DRIVER
logo
Supertex, Inc
HT0740 SUTEX-HT0740_07 Datasheet
436Kb / 4P
High Voltage, Isolated MOSFET Driver
HT0740 SUTEX-HT0740_13 Datasheet
657Kb / 4P
High Voltage, Isolated MOSFET Driver
HT0440 SUTEX-HT0440_13 Datasheet
843Kb / 6P
Dual, High Voltage, Isolated MOSFET Driver
logo
Microchip Technology
HT0740 MICROCHIP-HT0740 Datasheet
369Kb / 12P
High-Voltage Isolated MOSFET Driver
06/23/16
logo
ON Semiconductor
NCX57090Y ONSEMI-NCX57090Y Datasheet
1Mb / 25P
Isolated High Current IGBT/MOSFET Gate Driver
April, 2021 ??Rev. 0
logo
Analog Devices
ADUM4138 AD-ADUM4138 Datasheet
579Kb / 24P
High Voltage, Isolated IGBT Gate Driver with Isolated Flyback Controller
8/2019-Rev. 0 to Rev. A
logo
ON Semiconductor
NCX57090Y ONSEMI-NCX57090Y_V01 Datasheet
1Mb / 25P
Isolated High Current IGBT/MOSFET Gate Driver
July, 2022 - Rev. 3
NCX57080Y ONSEMI-NCX57080Y Datasheet
1Mb / 24P
Isolated High Current IGBT/MOSFET Gate Driver
June, 2022 - Rev. 4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com