Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT0740 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HT0740
Description  High Voltage Isolated MOSFET Driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HT0740 Datasheet(HTML) 1 Page - Supertex, Inc

  HT0740 Datasheet HTML 1Page - Supertex, Inc HT0740 Datasheet HTML 2Page - Supertex, Inc HT0740 Datasheet HTML 3Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
HT0740
High Voltage Isolated MOSFET Driver
Ordering Information
General Description
The Supertex HT0740 is a single channel high voltage, low input
current isolated driver utilizing Supertex’s proprietary HVCMOS®
technology. It is designed to drive discrete MOSFETs configured
as high side switches up to 400V. The HT0740 generates an
independent DC isolated voltage across the pair of outputs when
the logic input is at a logic high. The HT0740 does not require any
external power supplies. The internal supply voltage is supplied
from the logic input when it is in the high state.
Features
❏ ±400V input to output isolation
❏ No external voltage supply required
❏ Low input logic current, 500µA max
❏ Floating isolated output
❏ 5.0V logic compatible
Applications
❏ Telecommunications
❏ Modems
❏ Solid state relays
❏ High side switches
❏ High end audio switches
❏ Avionics
❏ ATE
Absolute Maximum Ratings1
Input to Output Isolation Voltage, V
ISO
±400V
Logic Input Voltage, V
IN
–0.5 to +7.0V
Operating Temperature
–40°C to +85°C
Storage Temperature
–55°C to +150°C
Soldering Temperature2
300°C
Note:
1. All voltages are referenced to ground.
2. Distance of 1.6mm from case for 10 seconds.
Input to Output
Package Option
Isolation Voltage
8-Pin Narrow Body SOIC
±400V
HT0740LG
12/13/01
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
1
2
3
4
8
7
6
5
top view
SO-8
Pin Configuration
V
IN
N/C
NC
GND
-V
OUT
N/C
+V
OUT
N/C


Similar Part No. - HT0740

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HT0740 SUTEX-HT0740 Datasheet
436Kb / 4P
High Voltage, Isolated MOSFET Driver
logo
Microchip Technology
HT0740 MICROCHIP-HT0740 Datasheet
369Kb / 12P
High-Voltage Isolated MOSFET Driver
06/23/16
logo
Supertex, Inc
HT0740LG SUTEX-HT0740LG Datasheet
436Kb / 4P
High Voltage, Isolated MOSFET Driver
HT0740LG-G SUTEX-HT0740LG-G Datasheet
436Kb / 4P
High Voltage, Isolated MOSFET Driver
HT0740LG-G SUTEX-HT0740LG-G Datasheet
657Kb / 4P
High Voltage, Isolated MOSFET Driver
More results

Similar Description - HT0740

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HT0440 SUTEX-HT0440 Datasheet
84Kb / 4P
Dual High Voltage Isolated MOSFET Driver
logo
Teledyne Technologies I...
TC4803 TELEDYNE-TC4803 Datasheet
359Kb / 5P
1.4A HIGH - SPEED OPTO-ISOLATED POWER MOSFET DRIVER
logo
Supertex, Inc
HT0740 SUTEX-HT0740_07 Datasheet
436Kb / 4P
High Voltage, Isolated MOSFET Driver
HT0740 SUTEX-HT0740_13 Datasheet
657Kb / 4P
High Voltage, Isolated MOSFET Driver
HT0440 SUTEX-HT0440_13 Datasheet
843Kb / 6P
Dual, High Voltage, Isolated MOSFET Driver
logo
Microchip Technology
HT0740 MICROCHIP-HT0740 Datasheet
369Kb / 12P
High-Voltage Isolated MOSFET Driver
06/23/16
logo
ON Semiconductor
NCX57090Y ONSEMI-NCX57090Y Datasheet
1Mb / 25P
Isolated High Current IGBT/MOSFET Gate Driver
April, 2021 ??Rev. 0
logo
Analog Devices
ADUM4138 AD-ADUM4138 Datasheet
579Kb / 24P
High Voltage, Isolated IGBT Gate Driver with Isolated Flyback Controller
8/2019-Rev. 0 to Rev. A
logo
ON Semiconductor
NCX57090Y ONSEMI-NCX57090Y_V01 Datasheet
1Mb / 25P
Isolated High Current IGBT/MOSFET Gate Driver
July, 2022 - Rev. 3
NCX57080Y ONSEMI-NCX57080Y Datasheet
1Mb / 24P
Isolated High Current IGBT/MOSFET Gate Driver
June, 2022 - Rev. 4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com