Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV20720 Datasheet (PDF) - Supertex, Inc

HV20720 Datasheet PDF - Supertex, Inc
Part # HV20720
Download  HV20720 Download
File Size   312.82 Kbytes
Page   5 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Dual 1 of 4 High Voltage Analog Switch

HV20720 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV20720 Datasheet PDF - Supertex, Inc

Part # HV20720
Download  HV20720 Click to download

File Size   312.82 Kbytes
Page   5 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Dual 1 of 4 High Voltage Analog Switch

HV20720 Datasheet (HTML) - Supertex, Inc


HV20720 Product details

General Description
The Supertex HV207 is an 8-channel high-voltage analog switch integrated circuit (IC) configured as a dual 1 of 4 analog switch. The 2 sets of 4 analog switches are controlled independently with the 2 independent 1:4 decoders. The addressed switches are turned ON and the unaddressed switches are turned OFF. A logic high on the input clear pin will turn OFF all output switches regardless of the address input states.

Features
❏ HVCMOS® technology for high performance
❏ Operating voltage of up 200V
❏ Very low quiescent current-10µA
❏ Low parasitic capacitances
❏ Over 20MHz bandwidth
❏ -58dB typical output off isolation at 5MHz
❏ 5.0V CMOS logic circuitry
❏ Excellent noise immunity
❏ Flexible high voltage supplies




Similar Part No. - HV20720

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
HV20-HV36 KEMET-HV20-HV36 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
ECM Electronics Limited...
HV200 ECM-HV200 Datasheet
124Kb / 1P
High Voltage Coils
logo
Amphenol Wilcoxon Sensi...
HV200 WILCOXON-HV200 Datasheet
343Kb / 3P
High EMI resistance accelerometers
Rev.B2 12/21
logo
Digimess Instruments Lt...
HV200001 DIGIMESS-HV200001 Datasheet
469Kb / 1P
HS Series Power Supply Units
logo
GETAI ELECTRONICS DEVIC...
HV200F04 GETEDZ-HV200F04 Datasheet
66Kb / 1P
High speed switching
More results


Similar Description - HV20720

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2031 VISHAY-DG2031 Datasheet
68Kb / 6P
Low-Voltage, Sub 1, Dual SPDT Analog Switch
21-Jun-04
logo
ON Semiconductor
NLAS3158 ONSEMI-NLAS3158 Datasheet
88Kb / 12P
Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
March, 2005 ??Rev. 0
NLAS3158 ONSEMI-NLAS3158_05 Datasheet
113Kb / 12P
Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
August, 2005 ??Rev. 1
logo
SG Micro Corp
SGM44600 SGMICRO-SGM44600 Datasheet
404Kb / 10P
4廓, High Speed, Low Voltage Dual, DPDT Analog Switch
logo
Analog Microelectronics
AME4621 AME-AME4621 Datasheet
70Kb / 12P
1-Ohm Low Voltage Dual SPDT Analog Switch
logo
Global Mixed-mode Techn...
G3205 GMT-G3205 Datasheet
100Kb / 1P
Dual 1 SPDT Analog Switch
logo
ON Semiconductor
NLAS3158 ONSEMI-NLAS3158_15 Datasheet
101Kb / 12P
Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
November, 2015 ??Rev. 2
logo
STMicroelectronics
STG4210 STMICROELECTRONICS-STG4210 Datasheet
409Kb / 21P
Low voltage 1 Ω dual SPST analog switch
26-Aug-2008
logo
Vishay Siliconix
DG2035 VISHAY-DG2035 Datasheet
81Kb / 7P
Low-Voltage, 1-Ω, Dual SPDT Analog Switch
21-Jun-04
DG2031 VISHAY-DG2031_V01 Datasheet
81Kb / 7P
Low-Voltage, Sub 1-Ω, Dual SPDT Analog Switch
21-Jun-04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com