Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV214 Datasheet (PDF) - Supertex, Inc

HV214 Datasheet PDF - Supertex, Inc
Part # HV214
Download  HV214 Download
File Size   61.79 Kbytes
Page   7 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 250V Low Charge Injection 8-Channel High Voltage Analog Switch

HV214 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV214 Datasheet PDF - Supertex, Inc

Part # HV214
Download  HV214 Click to download

File Size   61.79 Kbytes
Page   7 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 250V Low Charge Injection 8-Channel High Voltage Analog Switch

HV214 Datasheet (HTML) - Supertex, Inc


HV214 Product details

General Description
The Supertex HV214 is a low charge injection 8-channel high voltage analog switch integrated circuit (IC) intended for use in applications requiring high voltage switching controlled by low voltage control signals, such as medical ultrasound imaging, piezoelectric transducer drivers, inkjet printer heads and optical MEMS modules.

Features
❏ HVCMOS® technology for high performance
❏ Very low quiescent power dissipation – 10µA
❏ Low parasitic capacitances
❏ DC to 10MHz analog signal frequency
❏ -60dB typical output off isolation at 5MHz
❏ CMOS logic circuitry for low power
❏ Excellent noise immunity
❏ On-chip shift register, latch and clear logic circuitry
❏ Flexible high voltage supplies
❏ Surface mount package available

Applications
❏ Medical ultrasound imaging
❏ Piezoelectric transducer drivers
❏ Inkjet printer heads
❏ Optical MEMS modules




Similar Part No. - HV214

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV214 SUTEX-HV214 Datasheet
792Kb / 9P
250V Low Charge Injection 8-Channel High Voltage Analog Switch
HV214FG SUTEX-HV214FG Datasheet
792Kb / 9P
250V Low Charge Injection 8-Channel High Voltage Analog Switch
HV214FG-G SUTEX-HV214FG-G Datasheet
792Kb / 9P
250V Low Charge Injection 8-Channel High Voltage Analog Switch
HV214FG-G SUTEX-HV214FG-G Datasheet
834Kb / 9P
250V Low Charge Injection, 8-Channel, High Voltage Analog Switch
HV214FG-GM931 SUTEX-HV214FG-GM931 Datasheet
834Kb / 9P
250V Low Charge Injection, 8-Channel, High Voltage Analog Switch
More results


Similar Description - HV214

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV20220 SUTEX-HV20220 Datasheet
357Kb / 12P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV20420 SUTEX-HV20420 Datasheet
42Kb / 6P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV214 SUTEX-HV214_07 Datasheet
792Kb / 9P
250V Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219_07 Datasheet
797Kb / 9P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV2203 SUTEX-HV2203 Datasheet
841Kb / 9P
Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Clare, Inc.
CPC7220 CLARE-CPC7220 Datasheet
218Kb / 11P
Low Charge Injection 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220_12 Datasheet
1Mb / 14P
Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20320 SUTEX-HV20320_13 Datasheet
687Kb / 9P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV214 SUTEX-HV214_13 Datasheet
834Kb / 9P
250V Low Charge Injection, 8-Channel, High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220 Datasheet
260Kb / 11P
Low Charge Injection, 8-Channel High Voltage Analog Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com