Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV4530 Datasheet (PDF) - Supertex, Inc

HV4530 Datasheet PDF - Supertex, Inc
Part # HV4530
Download  HV4530 Download
File Size   462.36 Kbytes
Page   6 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 32-Channel Serial To Parallel Converter with P-Channel Open Drain Outputs

HV4530 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV4530 Datasheet PDF - Supertex, Inc

Part # HV4530
Download  HV4530 Click to download

File Size   462.36 Kbytes
Page   6 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 32-Channel Serial To Parallel Converter with P-Channel Open Drain Outputs

HV4530 Datasheet (HTML) - Supertex, Inc


HV4530 Product details

General Description
The HV45 and HV46 are low-voltage serial to high-voltage parallel converters with P-Channel open drain outputs. These devices have been designed for use as drivers for AC-electroluminescent displays. They can also be used in any application requiring multiple output high-voltage current source capabilities such as driving inkjet and electrostatic print heads, plasma panels, or vacuum fluorescent displays.

Features
❑ Processed with HVCMOS Technology
❑ Output voltages to -300V
❑ Source current minimum 60 mA
❑ Shift register speed 8 MHz
❑ Polarity and blanking inputs
❑ CMOS compatible inputs
❑ Forward and reverse shifting options
❑ 44-lead plastic and ceramic surface mount packages
❑ Hi-Rel processing available
❑ Can be used with the HV55 and HV56 to provide 300V push pull operation




Similar Part No. - HV4530

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV450 SUTEX-HV450 Datasheet
84Kb / 4P
High-Voltage Ring Generator
HV450WG SUTEX-HV450WG Datasheet
84Kb / 4P
High-Voltage Ring Generator
HV4522 SUTEX-HV4522 Datasheet
49Kb / 6P
32 CHANNEL SERIAL TO PARALLEL CONVERTER WITH P CHANNEL OPEN DRAIN OUTPUTS
HV4522 SUTEX-HV4522 Datasheet
628Kb / 6P
32-Channel Serial to Parallel Converter with P-Channel Open Drain Outputs
HV4522DJ SUTEX-HV4522DJ Datasheet
49Kb / 6P
32 CHANNEL SERIAL TO PARALLEL CONVERTER WITH P CHANNEL OPEN DRAIN OUTPUTS
More results


Similar Description - HV4530

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5122 SUTEX-HV5122 Datasheet
451Kb / 6P
32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522 Datasheet
462Kb / 6P
32-Channel Serial To Parallel Converter With Open Drain Outputs
HV4522 SUTEX-HV4522 Datasheet
49Kb / 6P
32 CHANNEL SERIAL TO PARALLEL CONVERTER WITH P CHANNEL OPEN DRAIN OUTPUTS
HV5522 SUTEX-HV5522_07 Datasheet
951Kb / 8P
32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5622PJ-G SUTEX-HV5622PJ-G Datasheet
468Kb / 6P
32-Channel Serial To Parallel Converter With Open Drain Outputs
HV4522PJ-G SUTEX-HV4522PJ-G Datasheet
628Kb / 6P
32-Channel Serial to Parallel Converter with P-Channel Open Drain Outputs
HV5122PJ-G SUTEX-HV5122PJ-G Datasheet
856Kb / 10P
32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5530PJ-G SUTEX-HV5530PJ-G Datasheet
690Kb / 8P
32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5622 SUTEX-HV5622_13 Datasheet
800Kb / 8P
32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522_13 Datasheet
812Kb / 8P
32-Channel Serial to Parallel Converter With Open Drain Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com