Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV574 Datasheet (PDF) - Supertex, Inc

HV574 Datasheet PDF - Supertex, Inc
Part # HV574
Download  HV574 Download
File Size   454.58 Kbytes
Page   5 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 100 MHz, 80-Channel Serial To Parallel Converter With Push-Pull Outputs

HV574 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV574 Datasheet PDF - Supertex, Inc

Part # HV574
Download  HV574 Click to download

File Size   454.58 Kbytes
Page   5 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 100 MHz, 80-Channel Serial To Parallel Converter With Push-Pull Outputs

HV574 Datasheet (HTML) - Supertex, Inc


HV574 Product details

General Description
The HV574 is a low-voltage serial to high-voltage parallel converter with push-pull outputs. This device has been designed for use as a driver for printer applications. It can also be used in any application requiring multiple output high-voltage current sourcing and sinking capability such as driving plasma panels, vacuum fluorescent displays, or large matrix LCD displays.

Features
❏ Processed with HVCMOS® technology
❏ 5V CMOS logic
❏ Output voltages up to 80V
❏ Low power level shifting
❏ 100MHz equivalent data rate using four dynamic shift registers
❏ Static latched data outputs
❏ Forward and reverse shifting options (DIR pin)
❏ Diode to VPP allows efficient power recovery
❏ Outputs may be hot switched
❏ Hi-Rel processing available




Similar Part No. - HV574

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV574 SUTEX-HV574 Datasheet
472Kb / 7P
100MHz, 80-Channel Serial to Parallel Converter with Push-Pull Outputs
HV574PG-G SUTEX-HV574PG-G Datasheet
472Kb / 7P
100MHz, 80-Channel Serial to Parallel Converter with Push-Pull Outputs
HV574PG-G SUTEX-HV574PG-G Datasheet
633Kb / 7P
100MHz, 80-Channel Serial to Parallel Converter with Push-Pull Outputs
HV574 SUTEX-HV574_13 Datasheet
633Kb / 7P
100MHz, 80-Channel Serial to Parallel Converter with Push-Pull Outputs
More results


Similar Description - HV574

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV57708 SUTEX-HV57708 Datasheet
465Kb / 5P
32 MHz, 64-Channel Serial To Parallel Converter With Push-Pull Outputs
HV57908 SUTEX-HV57908 Datasheet
459Kb / 5P
8 MHz, 64-Channel Serial To Parallel Converter With Push-Pull Outputs
HV583 SUTEX-HV583 Datasheet
39Kb / 6P
128 Channel Serial to Parallel Converter with Push-Pull Outputs
HV7620 SUTEX-HV7620 Datasheet
68Kb / 5P
40MHz, 32-Channel Serial to Parallel Converter with Push-Pull Outputs
HV583 SUTEX-HV583_06 Datasheet
374Kb / 7P
128-Channel Serial to Parallel Converter with Push-Pull Outputs
HV574PG-G SUTEX-HV574PG-G Datasheet
472Kb / 7P
100MHz, 80-Channel Serial to Parallel Converter with Push-Pull Outputs
HV574 SUTEX-HV574_13 Datasheet
633Kb / 7P
100MHz, 80-Channel Serial to Parallel Converter with Push-Pull Outputs
logo
Microchip Technology
HV582 MICROCHIP-HV582 Datasheet
331Kb / 20P
96-Channel Serial to Parallel Converter with Push-Pull Outputs
07/14/15
HV583 MICROCHIP-HV583 Datasheet
369Kb / 22P
128-Channel Serial to Parallel Converter with Push-Pull Outputs
07/14/15
HV7620 MICROCHIP-HV7620 Datasheet
529Kb / 16P
40 MHz 32-Channel Serial-to-Parallel Converter with Push-Pull Outputs
08/15/18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com