Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV623 Datasheet (PDF) - Supertex, Inc

HV623 Datasheet PDF - Supertex, Inc
Part # HV623
Download  HV623 Download
File Size   64.5 Kbytes
Page   10 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 32-Channel 128-Level Amplitude Gray-Shade Display Column Driver

HV623 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV623 Datasheet PDF - Supertex, Inc

Part # HV623
Download  HV623 Click to download

File Size   64.5 Kbytes
Page   10 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 32-Channel 128-Level Amplitude Gray-Shade Display Column Driver

HV623 Datasheet (HTML) - Supertex, Inc


HV623 Product details

General Description
The HV623 is a 32-channel driver IC for gray shade display use. It is designed to produce varying output voltages between 3 and 80 volts. This amplitude modulation at the output is facilitated by an external ramp voltage VR. See Theory of Operation for detailed explanation.

Features
❏ 5V CMOS inputs
❏ Up to 80V modulation voltage
❏ Capable of 128 levels of gray shading
❏ 8.0MHz data throughput rate
❏ Pin-programmable shift direction (DIR)
❏ D/A conversion cycle time is 64µs
❏ Diodes in output structure allow usage in energy recovery systems
❏ Integrated HVCMOS® technology
❏ Available in 3-sided 64-lead gullwing package




Similar Part No. - HV623

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
HV62 YHDC-HV62 Datasheet
3Mb / 1P
Hall voltage sensor
logo
Connor-Winfield Corpora...
HV62-100 CONNOR-WINFIELD-HV62-100 Datasheet
105Kb / 2P
HIGH FREQUENCY VCXO OSCILLATORS
HV62-150 CONNOR-WINFIELD-HV62-150 Datasheet
105Kb / 2P
HIGH FREQUENCY VCXO OSCILLATORS
HV62-160 CONNOR-WINFIELD-HV62-160 Datasheet
105Kb / 2P
HIGH FREQUENCY VCXO OSCILLATORS
HV62-200 CONNOR-WINFIELD-HV62-200 Datasheet
105Kb / 2P
HIGH FREQUENCY VCXO OSCILLATORS
More results


Similar Description - HV623

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV62208 SUTEX-HV62208 Datasheet
463Kb / 6P
32-Channel 256 Gray-Shade High Voltage Driver
logo
New Japan Radio
NJU6680 NJRC-NJU6680 Datasheet
480Kb / 56P
128-common x 128-segment 4-level Gray Scale BITMAP LCD DRIVER
logo
Supertex, Inc
HV632 SUTEX-HV632 Datasheet
83Kb / 8P
32-Channel 256 Gray-Shade High Voltage Driver
HV633 SUTEX-HV633 Datasheet
390Kb / 10P
32-Channel 128-Level Amplitude Gray-Shade Display Column Driver
HV62106 SUTEX-HV62106 Datasheet
36Kb / 5P
64-Channel Gray-Shade Display Column Driver
logo
Hitachi Semiconductor
HD66520 HITACHI-HD66520 Datasheet
338Kb / 45P
160-Channel 4-Level Grayscale Display Column Driver with Internal Bit-Map RAM
logo
Supertex, Inc
HV633 SUTEX-HV633_03 Datasheet
109Kb / 11P
32-Channel 128-Level Amplitude Gray-Shade Display Column Driver
HV633PG-G SUTEX-HV633PG-G Datasheet
813Kb / 13P
32-Channel, 128-Level Amplitude Gray-Shade Display Column Driver
HV633 SUTEX-HV633_14 Datasheet
1Mb / 12P
32-Channel, 128-Level Amplitude Gray-Shade Display Column Driver
HV632 SUTEX-HV632_13 Datasheet
843Kb / 9P
32-Channel, 256 Gray-Shade High Voltage Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com