Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV623 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV623
Description  32-Channel 128-Level Amplitude Gray-Shade Display Column Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV623 Datasheet(HTML) 4 Page - Supertex, Inc

  HV623 Datasheet HTML 1Page - Supertex, Inc HV623 Datasheet HTML 2Page - Supertex, Inc HV623 Datasheet HTML 3Page - Supertex, Inc HV623 Datasheet HTML 4Page - Supertex, Inc HV623 Datasheet HTML 5Page - Supertex, Inc HV623 Datasheet HTML 6Page - Supertex, Inc HV623 Datasheet HTML 7Page - Supertex, Inc HV623 Datasheet HTML 8Page - Supertex, Inc HV623 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
12-125
Pin #
Name
Function
30-36
D1-D7
Inputs for binary-format parallel data.
26
SC (Shift Clock)
Triggers data on both rising and falling edges. This implies that the data rate is always twice the clock
rate (data rate = 20MHz max if clock rate = 10MHz max).
22
CSI (Chip
Input pin for the chip select pulse (when DIR is high).
Select Input)
Output pin for the chip select pulse (when DIR is low).
43
CSO (Chip
Input pin for the chip select pulse (when DIR is low).
Select Output)
Output pin for the chip select pulse (when DIR is high).
40
LC
Input for a pulse whose rising edge causes data from the input latches to enter the comparator latches,
(Load Count)
and whose falling edge initiates the conversion of this binary data to an output level (D-to-A).
Also, the HV
OUT will clear to zero after the load count is initiated.
42
CC (Count Clock) Input to the count clock generator whose increments are compared to the data in the comparator latches.
18, 47
V
R
High-voltage ramp input for charging the output stage hold capacitors (C
H).
This input can be linear or non-linear as desired.
28
DIR
When this pin is connected to V
DD, input data is shifted in ascending order,
i.e., corresponding to HVOUT1 to HVOUT32. When connected to LVGND, input data is shifted
in descending order, i.e., corresponding to HVOUT32 to HVOUT1.
27, 38
LVGND
This is ground for the logic section.
HVGND and LVGND should be connected together externally.
17, 48
HVGND
This is ground for the high-voltage (output) section.
HVGND and LVGND should be connected together externally.
19, 45
V
PP
This input biases the output source followers.
1-16
HV
OUT1-
High-voltage outputs.
49-64
HVOUT32
21
VDD (Analog)
Low-voltage analog supply voltage.
29
VDD (Digital)
Low-voltage digital supply voltage.
24
VCTL
Voltage supply pin to prevent output voltage from being affected by its adjacent outputs (VCTL = 2V for a
particular panel). The combination of V
CTL and RCTL will reduce the output voltage variation to less than
±0.2V of delta voltage between high voltage outputs of the same level at all gray levels.
25
R
CTL
Current sense resistor to ground to prevent output voltage from being affected by its adjacent outputs
(R
CTL = 56KΩ for a particular panel). See VCTL function above.
Pin Definitions
Input and Output Equivalent Circuits
VDD
Input
GND
(Logic)
Logic Inputs
GND
(Logic)
Data Out
Logic Data Output
VDD
HV623



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com