Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV857DB1 Datasheet (PDF) - Supertex, Inc

HV857DB1 Datasheet PDF - Supertex, Inc
Part # HV857DB1
Download  HV857DB1 Download
File Size   437.02 Kbytes
Page   2 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description EL Lamp Driver

HV857DB1 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV857DB1 Datasheet PDF - Supertex, Inc

Part # HV857DB1
Download  HV857DB1 Click to download

File Size   437.02 Kbytes
Page   2 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description EL Lamp Driver

HV857DB1 Datasheet (HTML) - Supertex, Inc


HV857DB1 Product details

The Supertex HV857DB1 demo board contains all necessary circuitry to demonstrate the features of the HV857 EL lamp driver.

Simply connect it to a power supply and a lamp. For additional assistance in designing EL driver circuits, please refer to application notes AN-H33 (effect of external components on performance of Supertex EL drivers) and AN-H43 (EL lamp driver circuits to reduce audible lamp noise).



Specifications

Input Voltage 1.8V to 5.0V

Supply Current 25mA

Lamp Size Range up to 2.6in2

Lamp Frequency 250Hz

Converter Frequency 80KHz




Similar Part No. - HV857DB1

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV857 SUTEX-HV857 Datasheet
638Kb / 14P
High Voltage EL Lamp Driver for Low Noise Applications
HV857 SUTEX-HV857 Datasheet
552Kb / 9P
Low Noise, High Voltage EL Lamp Driver IC
HV857K7-G SUTEX-HV857K7-G Datasheet
552Kb / 9P
Low Noise, High Voltage EL Lamp Driver IC
HV857K7-G SUTEX-HV857K7-G Datasheet
931Kb / 9P
Low Noise, High Voltage EL Lamp Driver IC
HV857L SUTEX-HV857L Datasheet
704Kb / 8P
Low Noise, High Voltage EL Lamp Driver IC
More results


Similar Description - HV857DB1

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV832DB1 SUTEX-HV832DB1 Datasheet
445Kb / 2P
Dual EL Lamp Driver
HV833DB1 SUTEX-HV833DB1 Datasheet
38Kb / 2P
EL Lamp Driver
logo
TOKO, Inc
TK6591X TOKO-TK6591X Datasheet
203Kb / 20P
SMALL EL LAMP DRIVER
TK6592X TOKO-TK6592X Datasheet
199Kb / 20P
MEDIUM EL LAMP DRIVER
TK6593X TOKO-TK6593X Datasheet
194Kb / 16P
LARGE EL LAMP DRIVER
logo
IMP, Inc
IMP522 IMP-IMP522 Datasheet
128Kb / 6P
Dual EL Lamp Driver
logo
List of Unclassifed Man...
M5003 ETC-M5003 Datasheet
108Kb / 4P
EL LAMP DRIVER IC
logo
Supertex, Inc
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
High-Voltage EL Lamp Driver
logo
BOWIN ELECTRONIC CO.
M3802 BOWIN-M3802 Datasheet
43Kb / 3P
EL LAMP DRIVER CONTROLLER
logo
SHENZHEN FUMAN ELECTRON...
SC1001 FUMAN-SC1001 Datasheet
158Kb / 5P
EL LAMP DRIVER IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com