Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9102P Datasheet (PDF) - Supertex, Inc

HV9102P Datasheet PDF - Supertex, Inc
Part # HV9102P
Download  HV9102P Download
File Size   319.76 Kbytes
Page   7 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High-Voltage Switchmode Controllers with MOSFET

HV9102P Datasheet (PDF)

Go To PDF Page Download Datasheet
HV9102P Datasheet PDF - Supertex, Inc

Part # HV9102P
Download  HV9102P Click to download

File Size   319.76 Kbytes
Page   7 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High-Voltage Switchmode Controllers with MOSFET

HV9102P Datasheet (HTML) - Supertex, Inc


HV9102P Product details

General Description
The Supertex HV9100 through HV9103 are a series of BiCMOS/ DMOS single-output, pulse width modulator ICs intended for use in high-speed high-efficiency switchmode power supplies. They provide all the functions necessary to implement a single-switch current-mode PWM, in any topology, with a minimum of external parts.

Features
❏ 10 to 120V input range
❏ 200V, 7.0Ω output MOSFET
❏ Current-Mode Control
❏ High Efficiency
❏ Up to 1MHz Internal Oscillator
❏ Internal Start-up Circuit

Applications
❏ DC/DC Converters
❏ Distributed Power Systems
❏ ISDN Equipment
❏ PBX Systems
❏ Modems




Similar Part No. - HV9102P

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9105 SUTEX-HV9105 Datasheet
320Kb / 7P
High-Voltage Switchmode Controllers with MOSFET
HV9105P SUTEX-HV9105P Datasheet
320Kb / 7P
High-Voltage Switchmode Controllers with MOSFET
HV9105PJ SUTEX-HV9105PJ Datasheet
320Kb / 7P
High-Voltage Switchmode Controllers with MOSFET
HV9108 SUTEX-HV9108 Datasheet
320Kb / 7P
High-Voltage Switchmode Controllers with MOSFET
HV9108P SUTEX-HV9108P Datasheet
320Kb / 7P
High-Voltage Switchmode Controllers with MOSFET
More results


Similar Description - HV9102P

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9105 SUTEX-HV9105 Datasheet
320Kb / 7P
High-Voltage Switchmode Controllers with MOSFET
logo
Vishay Siliconix
SI9110 VISHAY-SI9110 Datasheet
107Kb / 8P
High-Voltage Switchmode Controllers
15-Nov-04
SI9112 VISHAY-SI9112 Datasheet
71Kb / 6P
High-Voltage Switchmode Controller
15-Nov-04
SI9102 VISHAY-SI9102_07 Datasheet
277Kb / 10P
3-W High-Voltage Switchmode Regulator
19-Mar-07
SI9110 VISHAY-SI9110_11 Datasheet
167Kb / 9P
High-Voltage Switchmode Controllers
16-May-11
logo
Teledyne Technologies I...
TSC9110 TELEDYNE-TSC9110 Datasheet
457Kb / 7P
high-voltage switchmode controllers
logo
Vishay Siliconix
SI9104 VISHAY-SI9104 Datasheet
121Kb / 5P
High-Voltage Switchmode Regulator
05-Apr-99
SI9104 VISHAY-SI9104_V01 Datasheet
175Kb / 8P
High-Voltage Switchmode Regulator
05-Apr-99
SI9110 VISHAY-SI9110_V01 Datasheet
170Kb / 10P
High-Voltage Switchmode Controllers
15-Nov-04
SI9112 VISHAY-SI9112_V01 Datasheet
161Kb / 9P
High-Voltage Switchmode Controller
15-Nov-04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com