Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9605C Datasheet (PDF) - Supertex, Inc

HV9605C Datasheet PDF - Supertex, Inc
Part # HV9605C
Download  HV9605C Download
File Size   312.18 Kbytes
Page   5 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High Voltage Current Mode PWM Controller

HV9605C Datasheet (PDF)

Go To PDF Page Download Datasheet
HV9605C Datasheet PDF - Supertex, Inc

Part # HV9605C
Download  HV9605C Click to download

File Size   312.18 Kbytes
Page   5 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High Voltage Current Mode PWM Controller

HV9605C Datasheet (HTML) - Supertex, Inc


HV9605C Product details

General Description
The Supertex HV9605C is a BiCMOS/DMOS single-output, current mode, pulse width modulator IC designed to meet the requirements of ETR-080 for ISDN applications. In a 14 pin package, it provides all the necessary functions to implement a single-switch PWM with a minimum of external parts.

Features
❏ BiCMOS/DMOS technology
❏ Current mode control
❏ 49% duty cycle operation
❏ Programmable START/STOP capability
❏ 15V to 250V input range internal start-up regulator
❏ 6.0µA standby supply current for +VIN <20V
❏ 0.9mA operating supply current
❏ 5.0V VDD supply operation
❏ 30KHz to 300KHz internal oscillator
❏ 15KHz to 150KHz converter output frequency
❏ 1.0MHz low offset error amplifier
❏ 1.25V 2% band gap reference
❏ Output driver optimized for under 10W applications
❏ Low driver output impedance with VDD = 0V
❏ Fast (90nsec) over current shutdown
❏ All pins are ESD protected

Applications
❏ ISDN network terminations
❏ ISDN terminals
❏ ISDN terminal adapters
❏ Feature phones
❏ SLIC circuits
❏ PBX systems
❏ Modems
❏ Distributed power systems
❏ DC/DC converters




Similar Part No. - HV9605C

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9605 SUTEX-HV9605 Datasheet
33Kb / 5P
High Voltage Current Mode PWM Controller for ISDN Equipment
HV9605NG SUTEX-HV9605NG Datasheet
33Kb / 5P
High Voltage Current Mode PWM Controller for ISDN Equipment
HV9605P SUTEX-HV9605P Datasheet
33Kb / 5P
High Voltage Current Mode PWM Controller for ISDN Equipment
HV9605X SUTEX-HV9605X Datasheet
33Kb / 5P
High Voltage Current Mode PWM Controller for ISDN Equipment
More results


Similar Description - HV9605C

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
High-Voltage Current-Mode PWM Controller
HV9120 SUTEX-HV9120 Datasheet
325Kb / 7P
High-Voltage Current-Mode PWM Controller
HV9110 SUTEX-HV9110_07 Datasheet
706Kb / 8P
High-Voltage Current-Mode PWM Controller
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
High-Voltage Current-Mode PWM Controller
HV9113 SUTEX-HV9113_07 Datasheet
706Kb / 8P
High-Voltage Current-Mode PWM Controller
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
High-Voltage, Current-Mode PWM Controller
HV9123NG-G SUTEX-HV9123NG-G Datasheet
951Kb / 11P
High-Voltage, Current-Mode PWM Controller
HV9123 SUTEX-HV9123_14 Datasheet
649Kb / 11P
High-Voltage,Current-Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
High-Voltage, Current-Mode, PWM Controller
07/14/15
HV9110 MICROCHIP-HV9110 Datasheet
620Kb / 18P
High-Voltage Current-Mode PWM Controller
06/23/16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com