Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9605X Datasheet (PDF) - Supertex, Inc

HV9605X Datasheet PDF - Supertex, Inc
Part # HV9605X
Download  HV9605X Download
File Size   33.74 Kbytes
Page   5 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High Voltage Current Mode PWM Controller for ISDN Equipment

HV9605X Datasheet (PDF)

Go To PDF Page Download Datasheet
HV9605X Datasheet PDF - Supertex, Inc

Part # HV9605X
Download  HV9605X Click to download

File Size   33.74 Kbytes
Page   5 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High Voltage Current Mode PWM Controller for ISDN Equipment

HV9605X Datasheet (HTML) - Supertex, Inc


HV9605X Product details

General Description
The Supertex HV9605 is a BiCMOS/DMOS single-output, current mode, pulse width modulator IC designed to meet the requirements of ETR-060 for ISDN applications. In a 14 pin package, it provides all the necessary functions to implement a single-switch PWM with a minimum of external parts.

Features
□ BiCMOS/DMOS technology
□ Current mode control
□ 49% duty cycle operation
□ Programmable START/STOP capability
□ 15V to 250V input range internal start-up regulator
□ 6.0µA standby supply current for +VIN <20V
□ 0.9mA operating supply current
□ 5.0V VDD supply operation
□ 30KHz to 300KHz internal oscillator
□ 15KHz to 150KHz converter output frequency
□ 1.0MHz low offset error amplifier
□ 1.20V 2% band gap reference
□ Output driver optimized for under 10W applications
□ Low driver output impedance with VDD = 0V
□ Fast (90nsec) over current shutdown
□ All pins are ESD protected

Applications
□ ISDN network terminations
□ ISDN terminals
□ ISDN terminal adapters
□ Feature phones
□ SLIC circuits
□ PBX systems
□ Modems
□ Distributed power systems
□ DC/DC converters




Similar Part No. - HV9605X

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9605C SUTEX-HV9605C Datasheet
312Kb / 5P
High Voltage Current Mode PWM Controller
HV9605CNG SUTEX-HV9605CNG Datasheet
312Kb / 5P
High Voltage Current Mode PWM Controller
HV9605CP SUTEX-HV9605CP Datasheet
312Kb / 5P
High Voltage Current Mode PWM Controller
HV9605CX SUTEX-HV9605CX Datasheet
312Kb / 5P
High Voltage Current Mode PWM Controller
More results


Similar Description - HV9605X

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
High-Voltage Current-Mode PWM Controller
logo
Vishay Siliconix
SI9113 VISHAY-SI9113 Datasheet
98Kb / 10P
High-Voltage Current Mode PWM Controller for ISDN Power Supplies
29-Nov-99
logo
Supertex, Inc
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
High-Voltage Current-Mode PWM Controller
logo
Vishay Siliconix
SI9113 VISHAY-SI9113_04 Datasheet
161Kb / 13P
High-Voltage Current Mode PWM Controller for ISDN Power Supplies
19-Apr-04
logo
Supertex, Inc
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
High-Voltage, Current-Mode PWM Controller
logo
Vishay Siliconix
SI9113DY VISHAY-SI9113DY Datasheet
146Kb / 12P
High-Voltage Current Mode PWM Controller for ISDN Power Supplies
19-Apr-04
logo
Supertex, Inc
HV9123 SUTEX-HV9123_14 Datasheet
649Kb / 11P
High-Voltage,Current-Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
High-Voltage, Current-Mode, PWM Controller
07/14/15
HV9110 MICROCHIP-HV9110 Datasheet
620Kb / 18P
High-Voltage Current-Mode PWM Controller
06/23/16
logo
Vishay Siliconix
SI9113 VISHAY-SI9113_V01 Datasheet
148Kb / 12P
High-Voltage Current Mode PWM Controller for ISDN Power Supplies
19-Apr-04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com