Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL358D Datasheet (PDF) - IK Semicon Co., Ltd

IL358D Datasheet PDF - IK Semicon Co., Ltd
Part # IL358D
Download  IL358D Download
File Size   449.63 Kbytes
Page   7 Pages
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd
Description Low Power Dual Operational Amplifier

IL358D Datasheet (PDF)

Go To PDF Page Download Datasheet
IL358D Datasheet PDF - IK Semicon Co., Ltd

Part # IL358D
Download  IL358D Click to download

File Size   449.63 Kbytes
Page   7 Pages
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd
Description Low Power Dual Operational Amplifier

IL358D Datasheet (HTML) - IK Semicon Co., Ltd


IL358D Product details

The IL358 contains two independent high gain operational amplifiers with internal  frequency  compensation.  The  two  op-amps  operate  over  a  wide voltage range from a single power supply. Also use a split power supply. The device  has  low  power  supply  current  drain,  regardless  of  the  power  supply voltage. The low power drain also makes the IL358 agood choice for battery operation.

•  Internally frequency compensated for unity gain
•  Large DC voltage gain: 100dB
•  Wide power supply range:
      3V ~ 32V (or ±1.5V ~ ±16V)
•  Input common-mode voltage range includes ground
•  Large output voltage swing: 0V DC to VCC -1.5V DC
•  Power drain suitable for battery operation
•  Low input offset voltage and offset current
•  Differential input voltage range equal to the powersupply voltage
•  Possible to exchange the position of Pin9 for Pin1 because of Pin
Connection being symmetric (IL358S only)




Similar Part No. - IL358D

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL358D INTEGRAL-IL358D Datasheet
186Kb / 4P
Low Power Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL358D IKSEMICON-IL358D Datasheet
481Kb / 7P
Low Power Dual Operational Amplifier
More results


Similar Description - IL358D

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL358 SLS-SL358 Datasheet
51Kb / 4P
Low Power Dual Operational Amplifier
logo
Daewoo Semiconductor
DBL358 DAEWOO-DBL358 Datasheet
355Kb / 7P
LOW POWER DUAL OPERATIONAL AMPLIFIER
logo
Integral Corp.
IL2904 INTEGRAL-IL2904 Datasheet
325Kb / 6P
Low Power Dual Operational Amplifier
logo
Ceramate Technical
CO358 CERAMATE-CO358 Datasheet
523Kb / 5P
Low Power Dual Operational Amplifier
logo
STMicroelectronics
LM2904 STMICROELECTRONICS-LM2904_08 Datasheet
387Kb / 22P
Low power dual operational amplifier
08-Apr-2008
logo
KODENSHI_AUK CORP.
KK358 KODENSHI-KK358 Datasheet
360Kb / 6P
Low Power Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL2904 IKSEMICON-IL2904_11 Datasheet
373Kb / 6P
Low Power Dual Operational Amplifier
logo
STMicroelectronics
LM2904AH STMICROELECTRONICS-LM2904AH Datasheet
999Kb / 19P
Low-power, dual operational amplifier
November 2015 Rev 2
logo
Shenzhen Huazhimei Semi...
LM358 HMSEMI-LM358 Datasheet
796Kb / 5P
Low power dual operational amplifier
logo
STMicroelectronics
LM2904 STMICROELECTRONICS-LM2904_V01 Datasheet
1Mb / 28P
Low-power dual operational amplifier
02-Aug-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com