Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN2540 Datasheet (PDF) - Supertex, Inc

TN2540 Datasheet PDF - Supertex, Inc
Part # TN2540
Download  TN2540 Download
File Size   480.59 Kbytes
Page   4 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description N-Channel Enhancement-Mode Vertical DMOS FETs

TN2540 Datasheet (PDF)

Go To PDF Page Download Datasheet
TN2540 Datasheet PDF - Supertex, Inc

Part # TN2540
Download  TN2540 Click to download

File Size   480.59 Kbytes
Page   4 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description N-Channel Enhancement-Mode Vertical DMOS FETs

TN2540 Datasheet (HTML) - Supertex, Inc


TN2540 Product details

General Description

The Supertex TN2540 is a low threshold enhancement mode transistor that utilizes an advanced vertical DMOS structure and Supertex’s well-proven silicon-gate manufacturing process. This combination produces a device with the power handling capabilities of bipolar transistors, and the high input impedance and positive temperature coeffi cient inherent in MOS devices. Characteristic of all MOS structures, this device is free from thermal runaway and thermally-induced secondary breakdown.



Features

► Low threshold — 2.0V max

► High input impedance

► Low input capacitance — 125pF max

► Fast switching speeds

► Low ON-resistance

► Free from secondary breakdown

► Low input and output leakage

► Complementary N and P-channel devices



Applications

► Logic level interfaces — ideal for TTL and CMOS

► Solid state relays

► Battery operated systems

► Photo voltaic devices

► Analog switches

► General purpose line drivers

► Telecom switches




Similar Part No. - TN2540

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN2540 SUTEX-TN2540 Datasheet
741Kb / 6P
N-Channel Enhancement-Mode Vertical DMOS FET
logo
STMicroelectronics
TN2540 STMICROELECTRONICS-TN2540 Datasheet
208Kb / 11P
Standard 25 A SCRs
20-Aug-2014
logo
Microchip Technology
TN2540 MICROCHIP-TN2540 Datasheet
823Kb / 14P
N-Channel Enhancement-Mode Vertical DMOS FET
02/28/20
logo
STMicroelectronics
TN2540-1000G STMICROELECTRONICS-TN2540-1000G Datasheet
93Kb / 7P
25A SCRs
Apr-2002
TN2540-1000G STMICROELECTRONICS-TN2540-1000G Datasheet
91Kb / 7P
25A SCRS
13-Feb-2006
More results


Similar Description - TN2540

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN2501 SUTEX-TN2501 Datasheet
476Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
TN5325 SUTEX-TN5325 Datasheet
446Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN0606 SUTEX-VN0606 Datasheet
434Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN2406 SUTEX-VN2406 Datasheet
442Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN3515L SUTEX-VN3515L Datasheet
441Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN10KN9 SUTEX-VN10KN9 Datasheet
242Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN0550 SUTEX-VN0550_07 Datasheet
534Kb / 5P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN0540 SUTEX-VN0540 Datasheet
30Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN4012 SUTEX-VN4012 Datasheet
446Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN3205N3-G SUTEX-VN3205N3-G Datasheet
728Kb / 6P
N-Channel Enhancement-Mode Vertical DMOS FETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com