Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN2540 Datasheet(PDF) 1 Page - Supertex, Inc

Part # TN2540
Description  N-Channel Enhancement-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TN2540 Datasheet(HTML) 1 Page - Supertex, Inc

  TN2540 Datasheet HTML 1Page - Supertex, Inc TN2540 Datasheet HTML 2Page - Supertex, Inc TN2540 Datasheet HTML 3Page - Supertex, Inc TN2540 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
11/12/01
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
N-Channel Enhancement-Mode
Vertical DMOS FETs
TN2540
Low Threshold
Ordering Information
Features
❏ Low threshold — 2.0V max.
❏ High input impedance
❏ Low input capacitance — 125pF max.
❏ Fast switching speeds
❏ Low on resistance
❏ Free from secondary breakdown
❏ Low input and output leakage
❏ Complementary N- and P-channel devices
Absolute Maximum Ratings
Drain-to-Source Voltage
BVDSS
Drain-to-Gate Voltage
BV
DGS
Gate-to-Source Voltage
± 20V
Operating and Storage Temperature
-55°C to +150°C
Soldering Temperature*
300°C
* Distance of 1.6 mm from case for 10 seconds.
BVDSS /RDS(ON)
VGS(th)
ID(ON)
BV
DGS
(max)
(max)
(min)
TO-92
TO-243AA*
Die
400V
12Ω
2.0V
1.0A
TN2540N3
TN2540N8
TN2540ND
* Same as SOT-89. Product supplied on 2000 piece carrier tape reels.
MIL visual screening available.
Order Number / Package
Applications
❏ Logic level interfaces – ideal for TTL and CMOS
❏ Solid state relays
❏ Battery operated systems
❏ Photo voltaic drives
❏ Analog switches
❏ General purpose line drivers
❏ Telecom switches
Package Options
Note: See Package Outline section for dimensions.
Low Threshold DMOS Technology
These low threshold enhancement-mode (normally-off) transis-
tors utilize a vertical DMOS structure and Supertex's well-proven
silicon-gate manufacturing process. This combination produces
devices with the power handling capabilities of bipolar transistors
and with the high input impedance and positive temperature
coefficient inherent in MOS devices. Characteristic of all MOS
structures, these devices are free from thermal runaway and
thermally induced secondary breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a wide range
of switching and amplifying applications where very low threshold
voltage, high breakdown voltage, high input impedance, low input
capacitance, and fast switching speeds are desired.
TO-243AA
(SOT-89)
G
D
S
D
SGD
TO-92
Product marking for TO-243AA
Where
❋ = 2-week alpha date code
TN5D


Similar Part No. - TN2540

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN2540 SUTEX-TN2540 Datasheet
741Kb / 6P
N-Channel Enhancement-Mode Vertical DMOS FET
logo
STMicroelectronics
TN2540 STMICROELECTRONICS-TN2540 Datasheet
208Kb / 11P
Standard 25 A SCRs
20-Aug-2014
logo
Microchip Technology
TN2540 MICROCHIP-TN2540 Datasheet
823Kb / 14P
N-Channel Enhancement-Mode Vertical DMOS FET
02/28/20
logo
STMicroelectronics
TN2540-1000G STMICROELECTRONICS-TN2540-1000G Datasheet
93Kb / 7P
25A SCRs
Apr-2002
TN2540-1000G STMICROELECTRONICS-TN2540-1000G Datasheet
91Kb / 7P
25A SCRS
13-Feb-2006
More results

Similar Description - TN2540

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN2501 SUTEX-TN2501 Datasheet
476Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
TN5325 SUTEX-TN5325 Datasheet
446Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN0606 SUTEX-VN0606 Datasheet
434Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN2406 SUTEX-VN2406 Datasheet
442Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN3515L SUTEX-VN3515L Datasheet
441Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN10KN9 SUTEX-VN10KN9 Datasheet
242Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN0550 SUTEX-VN0550_07 Datasheet
534Kb / 5P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN0540 SUTEX-VN0540 Datasheet
30Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN4012 SUTEX-VN4012 Datasheet
446Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN3205N3-G SUTEX-VN3205N3-G Datasheet
728Kb / 6P
N-Channel Enhancement-Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com