Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA9S24 Datasheet (PDF) - Altech corporation

BA9S24 Datasheet PDF - Altech corporation
Part # BA9S24
Download  BA9S24 Download
File Size   81.29 Kbytes
Page   1 Pages
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation
Description 22mm Fillament Bulb BA9Sxxx

BA9S24 Datasheet (PDF)

Go To PDF Page Download Datasheet
BA9S24 Datasheet PDF - Altech corporation

Part # BA9S24
Download  BA9S24 Click to download

File Size   81.29 Kbytes
Page   1 Pages
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation
Description 22mm Fillament Bulb BA9Sxxx

BA9S24 Datasheet (HTML) - Altech corporation




Similar Part No. - BA9S24

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BA90 L-COM-BA90 Datasheet
49Kb / 1P
ADAPTER RCA M/BNC F
3/12/200
logo
List of Unclassifed Man...
BA9026 ETC1-BA9026 Datasheet
69Kb / 2P
Power Electronics, Softstarter with softstop ministart
BA90263AC503 ETC1-BA90263AC503 Datasheet
69Kb / 2P
Power Electronics, Softstarter with softstop ministart
BA9040 ETC2-BA9040 Datasheet
153Kb / 2P
Monitoring technique
BA904012003AC230V50HZ ETC2-BA904012003AC230V50HZ Datasheet
153Kb / 2P
Monitoring technique
More results


Similar Description - BA9S24

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
BL0508-09-73 KINGBRIGHT-BL0508-09-73 Datasheet
74Kb / 2P
22mm x 22mm LED CLUSTER
logo
Altech corporation
ALFX-YYY ALTECH-ALFX-YYY Datasheet
444Kb / 1P
30 mm Illuminated Flush Momentary Operator ALFx-yyy (fillament bulb) and ALFxLB-yyy (LED bulb) (x=color; yyy=voltage)
2ABX ALTECH-2ABX Datasheet
179Kb / 1P
22mm Non-Illuminated Booted Momentary 2ABx
logo
Nihon Kaiheiki Industry...
YB215CWCKW01-5C-JB NKK-YB215CWCKW01-5C-JB Datasheet
316Kb / 8P
22mm Panel Seal Pushbuttons
logo
LUMEX INC.
SSL-LX22R13SUGD LUMEX-SSL-LX22R13SUGD Datasheet
630Kb / 1P
22mm Diameter LAMP, 12 PINS
logo
Mallory Sonalert Produc...
22MMNUT MSPI-22MMNUT Datasheet
50Kb / 1P
22MM Knurl Nut
logo
Schneider Electric
ZB4BW33 SCHNEIDER-ZB4BW33 Datasheet
394Kb / 12P
Harmony, 22mm Push Button, illuminated pushbutton head, flush, spring return, green, for BA9s bulb
Oct 4, 2021
DL1CE130 SCHNEIDER-DL1CE130 Datasheet
114Kb / 2P
22mm Push Buttons, clear incandescent bulb, with BA9s base, 120 to 130 V, 2.4 W
Nov 22, 2021
logo
Siemens Semiconductor G...
3SB3201-2KA11 SIEMENS-3SB3201-2KA11 Datasheet
163Kb / 4P
22MM PLASTIC ROUND COMPLETE UNIT
07/27/2012
logo
CamdenBoss Ltd.
CBPI22 CAMDENBOSS-CBPI22 Datasheet
362Kb / 1P
22mm panel indicators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com