Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC170 Datasheet (PDF) - TelCom Semiconductor, Inc

TC170 Datasheet PDF - TelCom Semiconductor, Inc
Part # TC170
Download  TC170 Download
File Size   104.11 Kbytes
Page   8 Pages
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc
Description CMOS CURRENT MODE PWM CONTROLLER

TC170 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC170 Datasheet PDF - TelCom Semiconductor, Inc

Part # TC170
Download  TC170 Click to download

File Size   104.11 Kbytes
Page   8 Pages
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc
Description CMOS CURRENT MODE PWM CONTROLLER

TC170 Datasheet (HTML) - TelCom Semiconductor, Inc


TC170 Product details

GENERAL DESCRIPTION
The TC170 brings low-power CMOS technology to the current-mode-switching power supply controller market. Maximum supply current is 3.8 mA. Bipolar current-mode control integrated circuits require five times more operating current.
The dual totem-pole CMOS outputs drive power MOSFETs or bipolar transistors. The 50nsec typical output rise and fall times (1000pF capacitive loads) minimize MOSFET power dissipation. Output peak current is 300mA.

FEATURES
■ Low Supply Current With
   CMOS Technology ................................. 3.8mA Max
■ Internal Reference .............................................5.1V
■ Fast Rise/Fall Times (CL = 1000pF) ............. 50nsec
■ Dual Push-Pull Outputs
■ Direct-Power MOSFET Drive
■ High Totem-Pole Output Drive .................... 300mA
■ Differential Current-Sense Amplifier
■ Programmable Current Limit
■ Soft-Start Operation
■ Double-Pulse Suppression
■ Undervoltage Lockout
■ Wide Supply Voltage Operation ............... 8V to16V
■ High Frequency Operation ..........................200kHz
■ Available with Low OFF State Outputs
■ Low Power, Pin-Compatible Replacement for UC3846




Similar Part No. - TC170

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC170 MICROCHIP-TC170 Datasheet
476Kb / 16P
CMOS Current Mode PWM Controller
2002
logo
Transcom, Inc.
TC1706 TRANSCOM-TC1706 Datasheet
135Kb / 4P
3 W High Linearity and High Efficiency GaAs Power FETs
logo
Productwell Precision E...
TC1708D-221M PRODUCTWELL-TC1708D-221M Datasheet
129Kb / 4P
TOROID INDUCTORS
TC1709D-101M PRODUCTWELL-TC1709D-101M Datasheet
129Kb / 4P
TOROID INDUCTORS
TC1709D-300M PRODUCTWELL-TC1709D-300M Datasheet
129Kb / 4P
TOROID INDUCTORS
More results


Similar Description - TC170

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
Current-mode PWM controller
August 31, 1994
logo
TelCom Semiconductor, I...
TC18C46-1 TELCOM-TC18C46-1 Datasheet
113Kb / 10P
CMOS CURRENT MODE PWM CONTROLLER
TC18C46 TELCOM-TC18C46 Datasheet
531Kb / 14P
CMOS CURRENT MODE PWM CONTROLLER?
logo
Microchip Technology
TC170 MICROCHIP-TC170 Datasheet
476Kb / 16P
CMOS Current Mode PWM Controller
2002
logo
Anpec Electronics Corop...
APW38HC42 ANPEC-APW38HC42 Datasheet
136Kb / 11P
CMOS Current-Mode PWM Voltage Controller
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
CURRENT MODE PWM CONTROLLER
logo
Linear Dimensions Semic...
LND3842 LINEAR_DIMENSIONS-LND3842 Datasheet
158Kb / 10P
Current Mode PWM Controller
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3844Y TI1-UC3844Y Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com