Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC170 Datasheet (PDF) - Microchip Technology

TC170 Datasheet PDF - Microchip Technology
Part # TC170
Download  TC170 Download
File Size   476.83 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description CMOS Current Mode PWM Controller

TC170 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC170 Datasheet PDF - Microchip Technology

Part # TC170
Download  TC170 Click to download

File Size   476.83 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description CMOS Current Mode PWM Controller

TC170 Datasheet (HTML) - Microchip Technology


TC170 Product details

GENERAL DESCRIPTION
The TC170 brings low-power CMOS technology to the current-mode-switching power supply controller market. Maximum supply current is 3.8 mA. Bipolar current-mode control integrated circuits require five times more operating current.
The dual totem-pole CMOS outputs drive power MOSFETs or bipolar transistors. The 50nsec typical output rise and fall times (1000pF capacitive loads) minimize MOSFET power dissipation. Output peak current is 300mA.

FEATURES
■ Low Supply Current With
   CMOS Technology ................................. 3.8mA Max
■ Internal Reference .............................................5.1V
■ Fast Rise/Fall Times (CL = 1000pF) ............. 50nsec
■ Dual Push-Pull Outputs
■ Direct-Power MOSFET Drive
■ High Totem-Pole Output Drive .................... 300mA
■ Differential Current-Sense Amplifier
■ Programmable Current Limit
■ Soft-Start Operation
■ Double-Pulse Suppression
■ Undervoltage Lockout
■ Wide Supply Voltage Operation ............... 8V to16V
■ High Frequency Operation ..........................200kHz
■ Available with Low OFF State Outputs
■ Low Power, Pin-Compatible Replacement for UC3846




Similar Part No. - TC170

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC170 TELCOM-TC170 Datasheet
104Kb / 8P
CMOS CURRENT MODE PWM CONTROLLER
logo
Transcom, Inc.
TC1706 TRANSCOM-TC1706 Datasheet
135Kb / 4P
3 W High Linearity and High Efficiency GaAs Power FETs
logo
Productwell Precision E...
TC1708D-221M PRODUCTWELL-TC1708D-221M Datasheet
129Kb / 4P
TOROID INDUCTORS
TC1709D-101M PRODUCTWELL-TC1709D-101M Datasheet
129Kb / 4P
TOROID INDUCTORS
TC1709D-300M PRODUCTWELL-TC1709D-300M Datasheet
129Kb / 4P
TOROID INDUCTORS
More results


Similar Description - TC170

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
Current-mode PWM controller
August 31, 1994
logo
TelCom Semiconductor, I...
TC170 TELCOM-TC170 Datasheet
104Kb / 8P
CMOS CURRENT MODE PWM CONTROLLER
TC18C46-1 TELCOM-TC18C46-1 Datasheet
113Kb / 10P
CMOS CURRENT MODE PWM CONTROLLER
TC18C46 TELCOM-TC18C46 Datasheet
531Kb / 14P
CMOS CURRENT MODE PWM CONTROLLER?
logo
Anpec Electronics Corop...
APW38HC42 ANPEC-APW38HC42 Datasheet
136Kb / 11P
CMOS Current-Mode PWM Voltage Controller
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
CURRENT MODE PWM CONTROLLER
logo
Linear Dimensions Semic...
LND3842 LINEAR_DIMENSIONS-LND3842 Datasheet
158Kb / 10P
Current Mode PWM Controller
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3844Y TI1-UC3844Y Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com