Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC170 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC170
Description  CMOS Current Mode PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC170 Datasheet(HTML) 2 Page - Microchip Technology

  TC170 Datasheet HTML 1Page - Microchip Technology TC170 Datasheet HTML 2Page - Microchip Technology TC170 Datasheet HTML 3Page - Microchip Technology TC170 Datasheet HTML 4Page - Microchip Technology TC170 Datasheet HTML 5Page - Microchip Technology TC170 Datasheet HTML 6Page - Microchip Technology TC170 Datasheet HTML 7Page - Microchip Technology TC170 Datasheet HTML 8Page - Microchip Technology TC170 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TC170
DS21395B-page 2
© 2002 Microchip Technology Inc.
Functional Block Diagram
5.1-Volt
Reference
Oscillator
x 3.15 Current
Amplifier
PWM
Comparator
Positive
Feedback
15
9
10
3
4
7
5
8
6
VIN
Sync
(–) Current
Sense Input
(+) Current
Sense Input
Comp
(+) Error
Amp Input
(–) Error
Amp Input
Error
Amplifier
100
µA
0.75V
Limit Buffer
Amplifier
Q4
350mV
Lock-up
Amplifier
Q3
Q1
Q2
3.5k
Shutdown
Comparator
350
mV
6k
Shutdown
Current Limit/
Soft-Start Adjust
NOTE: Outputs low in OFF state.
16
1
S
S
R
Q
C
DQ
Q
Ground
VDD
Output
A (
)
12
14
11
13
PWM Latch
TC170
VREF
2
+
RO
CO
VDD
+
+
+
+
+
Undervoltage
Lockout
Output
B (
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com