Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC170 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC170
Description  CMOS Current Mode PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC170 Datasheet(HTML) 5 Page - Microchip Technology

  TC170 Datasheet HTML 1Page - Microchip Technology TC170 Datasheet HTML 2Page - Microchip Technology TC170 Datasheet HTML 3Page - Microchip Technology TC170 Datasheet HTML 4Page - Microchip Technology TC170 Datasheet HTML 5Page - Microchip Technology TC170 Datasheet HTML 6Page - Microchip Technology TC170 Datasheet HTML 7Page - Microchip Technology TC170 Datasheet HTML 8Page - Microchip Technology TC170 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© 2002 Microchip Technology Inc.
DS21395B-page 5
TC170
2.0
PIN DESCRIPTIONS
Thedescriptionsof the pins arelistedinTable2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin No.
(16-Pin PDIP,
SOIC)
Symbol
Description
1SOFT START/ILIM Soft Start Adjust/Current Limit. For setting the peak current threshold of sense inputs (pins 3
and 4). Second function of this pin is Soft-Start Adjust.
2VREFOUT
Reference supply output of 5.1 volts. It can supply a minimum of 10mA.
3-ISENSEIN
-Current Sense Input. Inverting input for sensing peak current of the pass transistor through
series sense current monitor resistor.
4+ISENSEIN
+Current Sense Input. Non-inverting input used in conjunction with pin 3. This senses the
positive end of current monitor resistor.
5
+ERROR AMP IN +Error Amp In. Non-inverting input for output voltage regulation.
6
-ERROR AMP IN
-Error Amp In. Inverting input of the amplifier for the reference voltage.
7
CMPTR
For compensation of the feedback loop response.
8CO
Timing capacitor (CO) input to set oscillator frequency in conjunction with pin 9, RO,resistor
input. Second function is for setting crossover dead time of pin 11and 14 outputs.
9RO
Timing resistor (RO) input to set oscillator frequency by setting constant current charge rate to
charge capacitor CO.
10
SYNC
For PWM controller oscillator synchronization of two or more controllers. Or as a clock input to
sync oscillator from external signal.
11
OUTPUT A
A output drive of phase A from push pull transistors.
12
GND
Ground return for all input and output pins.
13
VDD
Supplies power to operate the output drivers only.
14
OUTPUT B
Output of phase B from push pull transistors.
15
VIN
Voltage bias supply for all TC170 circuits except the output transistors.
16
SHDN
Input pin to disable both output drives to 0V OFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com