Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC170 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC170
Description  CMOS Current Mode PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC170 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC170 Datasheet HTML 3Page - Microchip Technology TC170 Datasheet HTML 4Page - Microchip Technology TC170 Datasheet HTML 5Page - Microchip Technology TC170 Datasheet HTML 6Page - Microchip Technology TC170 Datasheet HTML 7Page - Microchip Technology TC170 Datasheet HTML 8Page - Microchip Technology TC170 Datasheet HTML 9Page - Microchip Technology TC170 Datasheet HTML 10Page - Microchip Technology TC170 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© 2002 Microchip Technology Inc.
DS21395B-page 7
TC170
FIGURE 3-1:
R1 AND R2 SET MAXIMUM PEAK OUTPUT CURRENT
FIGURE 3-2:
GROUND REFERENCE
RESISTIVE SENSING
FIGURE 3-3:
ABOVE GROUND
RESISTIVE SENSING
TC170
Switch
Current
x 3.15 Current Sense
Amplifier
0.75V
–
+
4
3
7
5
6
V1
Error
Amplifier
Q2
350mV
Q3
350mV
6k
Ω
Q4
From
Undervoltage
Lockout
10
PWM Latch
S
S
R
Q
Lock-Up
Amplifier
IL
Q1
"A" = 1
Output
Off (Low)
VREF
5.1V
2
V1
R2
16
RS
R1
1
+
–
+
–
+
–
+
–
–
+
+
–
PWM Comparator
Limit
Buffer
Amplifier
100
µA
VDD
Positive
Feedback
Shutdown
Comparator
3.5k
Ω
4
3
C
R*
*Optional RC Filter
I
RS
+
–
TC170
x 3.15 Current Sense
Amplifier
I
4
3
RS
+
–
VOUT
x 3.15 Current Sense
Amplifier
TC170



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com