Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC170 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC170
Description  CMOS Current Mode PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC170 Datasheet(HTML) 3 Page - Microchip Technology

  TC170 Datasheet HTML 1Page - Microchip Technology TC170 Datasheet HTML 2Page - Microchip Technology TC170 Datasheet HTML 3Page - Microchip Technology TC170 Datasheet HTML 4Page - Microchip Technology TC170 Datasheet HTML 5Page - Microchip Technology TC170 Datasheet HTML 6Page - Microchip Technology TC170 Datasheet HTML 7Page - Microchip Technology TC170 Datasheet HTML 8Page - Microchip Technology TC170 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
© 2002 Microchip Technology Inc.
DS21395B-page 3
TC170
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage ....................................................... 18V
Output Voltage ........................................... VDD or 18V
Analog Inputs .................................. -0.3V to VS +0.3V
Package Thermal Resistance:
SOIC (Wide)
θJA .....................................105°C/W
SOIC (Wide)
θJC .......................................23°C/W
PDIP (Narrow)
θJA ....................................95°C/W
PDIP (Narrow)
θJC ....................................55°C/W
Operating Temperature Range ............... 0°C to +70°C
Storage Temperature Range .............. -65°C to +150°C
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC170 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: VIN =16V,RO =24kΩ,CO = 1nF, TA = 25°C, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
Reference Voltage
VREF
Reference Voltage
5
5.1
5.3
V
IOUT =1mA
Line Regulation
5
15
mV
VIN =8V to 16V
Load Regulation
13
20
mV
IOUT = 1mA to 10mA
VRTC
Temperature Coefficient
0.4
0.5
mV/°C
Over operating temperature range.
Oscillator
F
Oscillator Frequency
35
42
46
kHz
VCOSC
Voltage Stability
1.1
1.5
%/V
VIN =8V to 16V
TCOSC
Temperature Stability
5
10
%
Over operating temperature range.
Error Amplifier
VOS
Input Offset Voltage
±30
mV
IB
Input Bias Current
±1
nA
VCMRR
Common-Mode Input Voltage
0
VDD –2V
V
VIN =8V to 16V
AVOL
Open-Loop Voltage Gain
70
dB
VOUT =1V to6V
BW
Unity Gain Bandwidth
1.2
MHz
CMRR
Common-Mode Rejection Ratio
60
dB
VCMV =0V to14V
PSRR
Power Supply Rejection Ratio
60
dB
VIN =8V to 16V
Current Sense Amplifier
AIAMP
Amplifier Gain
3
3.15
3.3
V/V
Pin 3 = 0V to 1.1V
VDM
Maximum Differential Input Signal
≤ 1.1
V
VPIN4 –VPIN3
VCM
Common-Mode Input Voltage
0
VDD –3V
V
Current Limit Adjust
VOS
Current Limit Offset Voltage
0.5
1
V
IB
Input Bias Current
1
nA
Shutdown Terminal
VTH
Threshold Voltage
0.3
0.35
0.4
V
VIN
Input Voltage Range
0
VDD
V
IL
Minimum Latching Current at Pin 1
125
µA
IL
Maximum Nonlatching Current at Pin 1
50
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com