Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC170 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC170
Description  CMOS Current Mode PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC170 Datasheet(HTML) 1 Page - Microchip Technology

  TC170 Datasheet HTML 1Page - Microchip Technology TC170 Datasheet HTML 2Page - Microchip Technology TC170 Datasheet HTML 3Page - Microchip Technology TC170 Datasheet HTML 4Page - Microchip Technology TC170 Datasheet HTML 5Page - Microchip Technology TC170 Datasheet HTML 6Page - Microchip Technology TC170 Datasheet HTML 7Page - Microchip Technology TC170 Datasheet HTML 8Page - Microchip Technology TC170 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© 2002 Microchip Technology Inc.
DS21395B-page 1
TC170
Features
• Low Supply Current With CMOS Technology:
3.8mA Max
• Internal Reference: 5.1V
• Fast Rise/Fall Times (CL = 1000pF): 50nsec
• Dual Push-Pull Outputs
•Direct-Power MOSFET Drive
• High Totem-Pole Output Drive: 300mA
• Differential Current-Sense Amplifier
• Programmable Current Limit
• Soft-Start Operation
• Double-Pulse Suppression
• Undervoltage Lockout
• Wide Supply Voltage Operation: 8V to 16V
• High Frequency Operation: 200kHz
• Available with Low OFF State Outputs
• Low Power, Pin-Compatible Replacement for
UC3846
Applications
• Switching Power Supplies
• DC/DC Converters
• Motor Control
Device Selection Table
General Description
The TC170 offers maximum supply current of 3.8mA.
Bipolar current-mode control integrated circuits require
five times more operating current.
The dual totem-pole CMOS outputs drive power
MOSFETs or bipolar transistors. The 50nsec typical
output rise and fall times (1000pF capacitive loads)
minimize MOSFET power dissipation. Output peak
current is 300mA.
The TC170 contains a full array of system-protection
circuits (see Features Section).
Current-mode control lets users parallel power supply
modules. Two or more TC170 controllers can be slaved
together for parallel operation. Circuits can operate
from a master TC170 internal oscillator or an external
system oscillator.
The TC170 operates from an 8V to 16V power supply.
An internal 2%, 5.1V reference minimizes external
component count. The TC170 is pin compatible with
the
Unitrode
UC1846/UC2846/UC3846
bipolar
controller.
Other advantages inherent in current-mode control
include superior line and load regulation and automatic
symmetry correction in push-pull converters.
Package Type
Part Number
Package
Temp. Range
TC170COE
16-Pin SOIC (Wide)
0°C to +70°C
TC170CPE
16-Pin PDIP (Narrow)
0°C to +70°C
TC170CPE
SHDN
DD
SOFT START/
ILIM
VREFOUT
– I SENSE IN
+ I SENSE IN
+ ERROR AMP IN
CMPTR
RO
– ERROR AMP IN
NOTE: Outputs LOW in "OFF" state.
IN
CO
1
2
3
4
16
15
5
6
7
9
8
1
2
3
4
15
16
14
13
5
6
7
12
11
10
9
8
TC170COE
SOFT START/
ILIM
VREFOUT
– I SENSE IN
+ I SENSE IN
+ ERROR AMP IN
CMPTR
– ERROR AMP IN
CO
SHDN
VDD
OUTPUT B
GND
OUTPUT A
SYNC
RO
VIN
16-Pin SOIC (Wide)
16-Pin PDIP (Narrow)
CMOS Current Mode PWM Controller


Similar Part No. - TC170

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC170 TELCOM-TC170 Datasheet
104Kb / 8P
CMOS CURRENT MODE PWM CONTROLLER
logo
Transcom, Inc.
TC1706 TRANSCOM-TC1706 Datasheet
135Kb / 4P
3 W High Linearity and High Efficiency GaAs Power FETs
logo
Productwell Precision E...
TC1708D-221M PRODUCTWELL-TC1708D-221M Datasheet
129Kb / 4P
TOROID INDUCTORS
TC1709D-101M PRODUCTWELL-TC1709D-101M Datasheet
129Kb / 4P
TOROID INDUCTORS
TC1709D-300M PRODUCTWELL-TC1709D-300M Datasheet
129Kb / 4P
TOROID INDUCTORS
More results

Similar Description - TC170

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
Current-mode PWM controller
August 31, 1994
logo
TelCom Semiconductor, I...
TC170 TELCOM-TC170 Datasheet
104Kb / 8P
CMOS CURRENT MODE PWM CONTROLLER
TC18C46-1 TELCOM-TC18C46-1 Datasheet
113Kb / 10P
CMOS CURRENT MODE PWM CONTROLLER
TC18C46 TELCOM-TC18C46 Datasheet
531Kb / 14P
CMOS CURRENT MODE PWM CONTROLLER?
logo
Anpec Electronics Corop...
APW38HC42 ANPEC-APW38HC42 Datasheet
136Kb / 11P
CMOS Current-Mode PWM Voltage Controller
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
CURRENT MODE PWM CONTROLLER
logo
Linear Dimensions Semic...
LND3842 LINEAR_DIMENSIONS-LND3842 Datasheet
158Kb / 10P
Current Mode PWM Controller
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3844Y TI1-UC3844Y Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com