Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC170 Datasheet(PDF) 9 Page - Microchip Technology

Part # TC170
Description  CMOS Current Mode PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC170 Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC170 Datasheet HTML 5Page - Microchip Technology TC170 Datasheet HTML 6Page - Microchip Technology TC170 Datasheet HTML 7Page - Microchip Technology TC170 Datasheet HTML 8Page - Microchip Technology TC170 Datasheet HTML 9Page - Microchip Technology TC170 Datasheet HTML 10Page - Microchip Technology TC170 Datasheet HTML 11Page - Microchip Technology TC170 Datasheet HTML 12Page - Microchip Technology TC170 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
© 2002 Microchip Technology Inc.
DS21395B-page 9
TC170
FIGURE 3-7:
OSCILLATOR CIRCUIT
3.8
Oscillator Frequency and Output
Dead Time
The oscillator frequency for RO = 24kΩ and CO =
1000pF is:
where:
RO = Oscillator Resistor (Ω)
CO = Oscillator Capacitor (F)
FO = Oscillator Frequency (Hz)
The oscillator resistor can range from 5k
Ω to 50kΩ.
Oscillator capacitor can range from 250pF to 1000pF.
Figure 3-8
shows
typical
operation
for
various
resistance and capacitance values.
During
transitions
between
the
two
outputs,
simultaneous conduction is prevented. Oscillator fall
time controls the output off, or dead time (Figure 3-7).
Dead time is approximately:
where:
RO = Oscillator Resistor (kΩ)
CO = Oscillator Capacitor (pF)
TD = Output Dead Time (sec)
Maximum possible duty cycle is set by the dead time.
FIGURE 3-8:
OSCILLATOR
FREQUENCY VS.
OSCILLATOR
RESISTANCE
2.3V 4.3V
ICHARGE ≈ 2.3V
8
9
1mA
Discharge
Current
Sync
10
2.3V
Pin 8
Pin 10
1
On-Time
Output Dead Time (TD)
+
–
FO
VDD
CO
RO
RO
ROCO
RO
2C
O
CO +150 x10
–12
FO=
–
1.27
2800
CO
[
]
1–
TD=
2000 [CO]
( )
2.3
RO
50
45
40
35
30
25
20
15
10
5
0
20
40
60
80 100 120 140 160 180 200
250pF
500pF
OSCILLATOR FREQUENCY (kHz)
750pF
1000pF
TA = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com