Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC170 Datasheet(PDF) 10 Page - Microchip Technology

Part # TC170
Description  CMOS Current Mode PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC170 Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC170 Datasheet HTML 6Page - Microchip Technology TC170 Datasheet HTML 7Page - Microchip Technology TC170 Datasheet HTML 8Page - Microchip Technology TC170 Datasheet HTML 9Page - Microchip Technology TC170 Datasheet HTML 10Page - Microchip Technology TC170 Datasheet HTML 11Page - Microchip Technology TC170 Datasheet HTML 12Page - Microchip Technology TC170 Datasheet HTML 13Page - Microchip Technology TC170 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TC170
DS21395B-page 10
© 2002 Microchip Technology Inc.
4.0
TYPICAL CHARACTERISTICS
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
TA = +25°C
CLOAD = 500pF
VS = 16V
Output Rise and Fall Times
Output Rise and Fall Times
Output Rise and Fall Times
5V
DIV
50 nsec
DIV
5V
DIV
5 nsec
DIV
5V
DIV
50 nsec
DIV
TA = +25°C
CLOAD = 1800pF
VS = 16V
TA = +25°C
CLOAD = 1000pF
VS = 16V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com