Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC170 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC170
Description  CMOS Current Mode PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC170 Datasheet(HTML) 4 Page - Microchip Technology

  TC170 Datasheet HTML 1Page - Microchip Technology TC170 Datasheet HTML 2Page - Microchip Technology TC170 Datasheet HTML 3Page - Microchip Technology TC170 Datasheet HTML 4Page - Microchip Technology TC170 Datasheet HTML 5Page - Microchip Technology TC170 Datasheet HTML 6Page - Microchip Technology TC170 Datasheet HTML 7Page - Microchip Technology TC170 Datasheet HTML 8Page - Microchip Technology TC170 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TC170
DS21395B-page 4
© 2002 Microchip Technology Inc.
TC170 ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: VIN =16V, RO =24kΩ,CO = 1nF, TA = 25°C, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
Output Stage
VDD
Output Voltage
VIN –0.5
VIN
VIN +0.5
V
Pin 13
VOL
Output Low Level
0.4
V
ISINK =20mA
VOL
Output Low Level
2
V
ISINK = 100mA
VOH
Output High Level
VDD –1V
V
ISOURCE =20mA
VOL
Output High Level
VDD –4V
V
ISOURCE =100mA
tR
Output Rise Time
50
150
nsec
CL = 1000pF
tF
Output Fall Time
50
150
nsec
CL = 1000pF
Undervoltage Lockout
Start-Up
7.15
7.7
8.25
V
Threshold
Threshold Hysteresis
0.5
0.75
1
V
Supply
IS
Standby Supply Current
2.7
3.8
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com