Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC622 Datasheet (PDF) - TelCom Semiconductor, Inc

TC622 Datasheet PDF - TelCom Semiconductor, Inc
Part # TC622
Download  TC622 Download
File Size   42.65 Kbytes
Page   3 Pages
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc
Description LOW COST, SINGLE TRIP POINT TEMPERATURE SENSOR

TC622 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC622 Datasheet PDF - TelCom Semiconductor, Inc

Part # TC622
Download  TC622 Click to download

File Size   42.65 Kbytes
Page   3 Pages
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc
Description LOW COST, SINGLE TRIP POINT TEMPERATURE SENSOR

TC622 Datasheet (HTML) - TelCom Semiconductor, Inc


TC622 Product details

GENERAL DESCRIPTION
The TC622 and TC624 are programmable solid state temperature switches designed to replace mechanical switches in sensing and control applications. Both devices integrate the temperature sensor along with a voltage reference and all required detector circuitry to form a stand-alone temperature switch. The desired temperature set point is set by the user with a single external resistor.

FEATURES
■ Temperature Set Point Easily Programs with a Single External Resistor
■ Operates with 2.7V Power Supply (TC624)
■ TO-220 Package for Direct Mounting to Heatsink (TC622xAT) or Standard 8-Pin PDIP and SOIC
■ Cost Effective

APPLICATIONS
■ Power Supply Over-temperature Detection
■ Consumer Electronics
■ Fire/ Heat Detection
■ UPSs, Amplifiers, Motors
■ CPU Thermal Management in PCs




Similar Part No. - TC622

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC622 MICROCHIP-TC622 Datasheet
445Kb / 14P
Low Cost Single Trip Point Temperature Sensor
2002
TC622 MICROCHIP-TC622 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
TC622 MICROCHIP-TC622 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
logo
TAI-SAW TECHNOLOGY CO.,...
TC622.EC-A TAI-SAW-TC622.EC-A Datasheet
197Kb / 3P
SAW One-Port Resonator 622.080 MHz SMD 3.8X3.8
REV. NO.:3
logo
SHENZHEN FUMAN ELECTRON...
TC6221 FUMAN-TC6221 Datasheet
526Kb / 10P
Infrared remote control transmitter IC
More results


Similar Description - TC622

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC623 ONSEMI-MC623 Datasheet
71Kb / 4P
3V, Dual Trip Point Temperature Sensor
February, 2000 ??Rev. 0
logo
TelCom Semiconductor, I...
TC623 TELCOM-TC623 Datasheet
41Kb / 3P
3V, DUAL TRIP POINT TEMPERATURE SENSOR
logo
Microchip Technology
TC622 MICROCHIP-TC622 Datasheet
445Kb / 14P
Low Cost Single Trip Point Temperature Sensor
2002
TC623 MICROCHIP-TC623 Datasheet
422Kb / 12P
3V, Dual Trip Point Temperature Sensor
2002
logo
ON Semiconductor
MC642.REV3 ONSEMI-MC642.REV3 Datasheet
65Kb / 5P
3.0 V, Dual Trip Point Temperature Sensor
February, 2003 - Rev. 3
logo
Microchip Technology
TC622 MICROCHIP-TC622_06 Datasheet
294Kb / 14P
Low Cost Single Trip Point Temperature Sensor
2006
TC623 MICROCHIP-TC623_06 Datasheet
239Kb / 12P
3V, Dual Trip Point Temperature Sensor
2006
TC622 MICROCHIP-TC622_13 Datasheet
202Kb / 16P
Low Cost Single Trip Point Temperature Sensor
2001-2012 11/29/12
TC623 MICROCHIP-TC623_13 Datasheet
141Kb / 12P
3V, Dual Trip Point Temperature Sensor
11/29/12 2001-2012
logo
ON Semiconductor
NCT22 ONSEMI-NCT22 Datasheet
96Kb / 8P
Low Cost Single Trip Point Temperature Sensor
June, 2002 ??Rev. 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com