Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC623 Datasheet (PDF) - Microchip Technology

TC623 Datasheet PDF - Microchip Technology
Part # TC623
Download  TC623 Download
File Size   422.66 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 3V, Dual Trip Point Temperature Sensor

TC623 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC623 Datasheet PDF - Microchip Technology

Part # TC623
Download  TC623 Click to download

File Size   422.66 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 3V, Dual Trip Point Temperature Sensor

TC623 Datasheet (HTML) - Microchip Technology


TC623 Product details

GENERAL DESCRIPTION
The TC623 is a 3V solid-state, programmable temperature sensor designed for use in thermal management applications. It features dual thermal interrupt outputs (LOW LIMIT and HIGH LIMIT) each of which program with a single external resistor. The HIGH LIMIT and LOW LIMIT outputs are driven active (high) when measured temperature equals the user-programmed limits.

FEATURES
■ Integrated Temp Sensor and Detector Operate from a Supply Voltage as Low as 2.7V
■ Replaces Mechanical Thermostats and Switches
■ On-Chip Temperature Sense
■ 8-Pin DIP or SOIC for Direct PCB Mounting
■ 2 User-Programmable Temperature Set Points
■ 2 Independent Temperature Limit Outputs
■ Heat/Cool Regulate Output

APPLICATIONS
■ CPU Thermal Management
■ System Over-or Under-Temperature Shutdown
■ Advanced Thermal Warning
■ Fan Speed Control Circuits
■ Accurate Appliance Temperature Sensing
■ Environmental Control




Similar Part No. - TC623

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC623 TELCOM-TC623 Datasheet
41Kb / 3P
3V, DUAL TRIP POINT TEMPERATURE SENSOR
logo
Microchip Technology
TC623 MICROCHIP-TC623 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
TC623 MICROCHIP-TC623 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
logo
TelCom Semiconductor, I...
TC623CCOA TELCOM-TC623CCOA Datasheet
41Kb / 3P
3V, DUAL TRIP POINT TEMPERATURE SENSOR
logo
Microchip Technology
TC623CCOA MICROCHIP-TC623CCOA Datasheet
239Kb / 12P
3V, Dual Trip Point Temperature Sensor
2006
More results


Similar Description - TC623

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC623 ONSEMI-MC623 Datasheet
71Kb / 4P
3V, Dual Trip Point Temperature Sensor
February, 2000 ??Rev. 0
logo
TelCom Semiconductor, I...
TC620 TELCOM-TC620 Datasheet
75Kb / 6P
5V, DUAL TRIP POINT TEMPERATURE SENSORS
TC622 TELCOM-TC622 Datasheet
42Kb / 3P
LOW COST, SINGLE TRIP POINT TEMPERATURE SENSOR
TC623 TELCOM-TC623 Datasheet
41Kb / 3P
3V, DUAL TRIP POINT TEMPERATURE SENSOR
logo
Microchip Technology
TC620 MICROCHIP-TC620 Datasheet
450Kb / 14P
5V, Dual Trip Point Temperature Sensors
2012
logo
ON Semiconductor
MC642.REV3 ONSEMI-MC642.REV3 Datasheet
65Kb / 5P
3.0 V, Dual Trip Point Temperature Sensor
February, 2003 - Rev. 3
logo
Microchip Technology
TC623 MICROCHIP-TC623_06 Datasheet
239Kb / 12P
3V, Dual Trip Point Temperature Sensor
2006
TC620 MICROCHIP-TC620_13 Datasheet
195Kb / 16P
5V, Dual Trip Point Temperature Sensors
2001-2012 11/29/12
TC623 MICROCHIP-TC623_13 Datasheet
141Kb / 12P
3V, Dual Trip Point Temperature Sensor
11/29/12 2001-2012
TC620CEOA713 MICROCHIP-TC620CEOA713 Datasheet
276Kb / 14P
5V Dual Trip Point Temperature Sensors
10/31/05
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com