Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC623 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC623
Description  3V, Dual Trip Point Temperature Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC623 Datasheet(HTML) 1 Page - Microchip Technology

  TC623 Datasheet HTML 1Page - Microchip Technology TC623 Datasheet HTML 2Page - Microchip Technology TC623 Datasheet HTML 3Page - Microchip Technology TC623 Datasheet HTML 4Page - Microchip Technology TC623 Datasheet HTML 5Page - Microchip Technology TC623 Datasheet HTML 6Page - Microchip Technology TC623 Datasheet HTML 7Page - Microchip Technology TC623 Datasheet HTML 8Page - Microchip Technology TC623 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 2002 Microchip Technology Inc.
DS21441B-page 1
TC623
Features
• Integrated Temp Sensor and Detector Operate
from a Supply Voltage as Low as 2.7V
• Replaces Mechanical Thermostats and Switches
• On-Chip Temperature Sense
• 8-Pin DIP or SOIC for Direct PCB Mounting
• 2 User Programmable Temperature Set Points
• 2 Independent Temperature Limit Outputs
• Heat/Cool Regulate Output
Applications
• CPU Thermal Management
• System Over or Under Temperature Shutdown
• Advanced Thermal Warning
• Fan Speed Control Circuits
• Accurate Appliance Temperature Sensing
• Environmental Control
Device Selection Table
Functional Block Diagram
Package Type
General Description
The TC623 is a 3V solid-state, programmable temper-
ature sensor designed for use in thermal management
applications. It features dual thermal interrupt outputs
(LOW LIMIT and HIGH LIMIT) each of which are set
with an external resistor. The HIGH LIMIT and LOW
LIMIT outputs are driven active (high) when measured
temperature equals the user programmed limits. The
CONTROL output is driven active (high) when temper-
ature equals the HIGH LIMIT set point and turned off
when temperature falls below the LOW LIMIT set point.
The CONTROL output can beusedtoprovide simple
ON/OFF control to a cooling fan if so desired.
Low voltage operation, easy set point programming,
small size and low cost make the TC623 an ideal
choice for many thermal management applications.
Part Number
Package
Temp. Range
TC623CCOA
8-Pin SOIC
0°C to +70°C
TC623CCPA
8-Pin PDIP
0°C to +70°C
TC623CEOA
8-Pin SOIC
-40°C to +85°C
TC623CEPA
8-Pin PDIP
-40°C to +85°C
TC623CVOA
8-Pin SOIC
-40°C to +125°C
NOTE: Latch Output (C option), is a Standard Device. Con-
tact Factory for Latch Q Output (H option).
3
HIGH SET
2
LOW SET
1
NC
4
GND
5
CONTROL
6
HIGH LIMIT
VCC
7
LOW LIMIT
8
Latch
Q
S
R
+
+
TC623
R
< R
LOW
HIGH
VREF
Gen.
VREF
Gen.
VREF
Temperature
To Voltage
Converter
GND
HIGH SET
PDIP
SOIC
NC
GND
HIGH SET
LOW SET
LOW SET
NC
VCC
HIGH LIMIT
CONTROL
LOW LIMIT
VCC
HIGH LIMIT
CONTROL
LOW LIMIT
8
7
6
5
1
2
3
4
1
8
2
7
3
6
4
5
TC623CCOA
TC623CEOA
TC623CVOA
TC623CCPA
TC623CEPA
3V, Dual Trip Point Temperature Sensor


Similar Part No. - TC623

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC623 TELCOM-TC623 Datasheet
41Kb / 3P
3V, DUAL TRIP POINT TEMPERATURE SENSOR
logo
Microchip Technology
TC623 MICROCHIP-TC623 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
TC623 MICROCHIP-TC623 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
logo
TelCom Semiconductor, I...
TC623CCOA TELCOM-TC623CCOA Datasheet
41Kb / 3P
3V, DUAL TRIP POINT TEMPERATURE SENSOR
logo
Microchip Technology
TC623CCOA MICROCHIP-TC623CCOA Datasheet
239Kb / 12P
3V, Dual Trip Point Temperature Sensor
2006
More results

Similar Description - TC623

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC623 ONSEMI-MC623 Datasheet
71Kb / 4P
3V, Dual Trip Point Temperature Sensor
February, 2000 ??Rev. 0
logo
TelCom Semiconductor, I...
TC620 TELCOM-TC620 Datasheet
75Kb / 6P
5V, DUAL TRIP POINT TEMPERATURE SENSORS
TC622 TELCOM-TC622 Datasheet
42Kb / 3P
LOW COST, SINGLE TRIP POINT TEMPERATURE SENSOR
TC623 TELCOM-TC623 Datasheet
41Kb / 3P
3V, DUAL TRIP POINT TEMPERATURE SENSOR
logo
Microchip Technology
TC620 MICROCHIP-TC620 Datasheet
450Kb / 14P
5V, Dual Trip Point Temperature Sensors
2012
logo
ON Semiconductor
MC642.REV3 ONSEMI-MC642.REV3 Datasheet
65Kb / 5P
3.0 V, Dual Trip Point Temperature Sensor
February, 2003 - Rev. 3
logo
Microchip Technology
TC623 MICROCHIP-TC623_06 Datasheet
239Kb / 12P
3V, Dual Trip Point Temperature Sensor
2006
TC620 MICROCHIP-TC620_13 Datasheet
195Kb / 16P
5V, Dual Trip Point Temperature Sensors
2001-2012 11/29/12
TC623 MICROCHIP-TC623_13 Datasheet
141Kb / 12P
3V, Dual Trip Point Temperature Sensor
11/29/12 2001-2012
TC620CEOA713 MICROCHIP-TC620CEOA713 Datasheet
276Kb / 14P
5V Dual Trip Point Temperature Sensors
10/31/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com