Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC623 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC623
Description  3V, Dual Trip Point Temperature Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC623 Datasheet(HTML) 3 Page - Microchip Technology

  TC623 Datasheet HTML 1Page - Microchip Technology TC623 Datasheet HTML 2Page - Microchip Technology TC623 Datasheet HTML 3Page - Microchip Technology TC623 Datasheet HTML 4Page - Microchip Technology TC623 Datasheet HTML 5Page - Microchip Technology TC623 Datasheet HTML 6Page - Microchip Technology TC623 Datasheet HTML 7Page - Microchip Technology TC623 Datasheet HTML 8Page - Microchip Technology TC623 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 2002 Microchip Technology Inc.
DS21441B-page 3
TC623
2.0
PIN DESCRIPTION
Thedescriptionsof the pins arelistedinTable2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin No.
(8-Pin SOIC)
(8-Pin PDIP)
Symbol
Description
1
NC
No Internal Connection.
2
LOW SET
Low temperature set point. Connect an external 1% resistor from LOW SET to VDD
to set trip point.
3
HIGH SET
High temperature set point. Connect an external 1% resistor from HIGH SET to
VDD to set trip point.
4
GND
Ground Terminal.
5
CONTROL
Control output.
6
HIGH LIMIT
High temperature push/pull output.
7
LOW LIMIT
Low temperature push/pull output.
8VCC
Power supply input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com