Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC660 Datasheet (PDF) - TelCom Semiconductor, Inc

TC660 Datasheet PDF - TelCom Semiconductor, Inc
Part # TC660
Download  TC660 Download
File Size   122.28 Kbytes
Page   8 Pages
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc
Description 100mA CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER

TC660 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC660 Datasheet PDF - TelCom Semiconductor, Inc

Part # TC660
Download  TC660 Click to download

File Size   122.28 Kbytes
Page   8 Pages
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc
Description 100mA CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER

TC660 Datasheet (HTML) - TelCom Semiconductor, Inc


TC660 Product details

GENERAL DESCRIPTION

The TC660 DC-to-DC voltage converter generates a negative voltage supply, that can support a 100mA maximum load, from a positive voltage input of 1.5V to 5.5V. Only two external capacitors are required. Power supply voltage is stored on an undedicated capacitor then inverted and transferred to an output reser voir capacitor. The on-board oscillator normally runs at a frequency of 10kHz with V+ at 5V. This frequency can be lowered by the addition of an external capacitor from OSC (pin 7) to ground, or raised to 90kHz by connecting the frequency control pin (FC) to V+, in order to optimize capacitor size, quiescent current, and output voltage ripple frequency. Operation using input voltage between 1.5V and 3.0V is accommodated by grounding the LV input (pin 6). Operation at higher input voltages (3.0V to 5.5V) is accomplished by leaving LV open.



FEATURES

■ Pin Compatible with TC7660

■ High Output Current ..................................... 100mA

■ Converts (+1.5V to 5.5V) to (– 1.5V to – 5.5V)

■ Power Efficiency @100mA......................... 88% typ

■ Low Power Consumption ................200µA @ 5 VIN

■ Low Cost and Easy to Use

— Only Two External Capacitors Required

■ Selectable Oscillator Frequency ....... 10kHz/90kHz

■ ESD Protection ...................................................4kV



APPLICATIONS

■ Laptop Computers

■ µP Based Controllers

■ Process Instrumentation

■ Automotive Instruments




Similar Part No. - TC660

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC664 MICROCHIP-TC664 Datasheet
695Kb / 36P
SMBus??PWM Fan Speed Controllers With Fan Fault Detection
2002
TC664 MICROCHIP-TC664 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
TC664 MICROCHIP-TC664 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
TC664EUN MICROCHIP-TC664EUN Datasheet
695Kb / 36P
SMBus??PWM Fan Speed Controllers With Fan Fault Detection
2002
TC664 MICROCHIP-TC664_36 Datasheet
558Kb / 36P
SMBus??PWM Fan Speed Controllers With Fan Fault Detection
11/29/12
More results


Similar Description - TC660

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7660 ONSEMI-MC7660 Datasheet
191Kb / 12P
Charge Pump DC-to-DC Voltage Converter
February, 2000 ??Rev. 2
logo
TelCom Semiconductor, I...
TC1044S TELCOM-TC1044S Datasheet
141Kb / 8P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7660 TELCOM-TC7660 Datasheet
131Kb / 9P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7660S TELCOM-TC7660S Datasheet
136Kb / 8P
SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7662B TELCOM-TC7662B Datasheet
133Kb / 9P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC1044S MICROCHIP-TC1044S Datasheet
92Kb / 11P
Charge Pump DC-TO-DC Voltage Converter
2001
TC7660 MICROCHIP-TC7660 Datasheet
91Kb / 12P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7662B MICROCHIP-TC7662B Datasheet
92Kb / 11P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7660 MICROCHIP-TC7660_02 Datasheet
386Kb / 18P
Charge Pump DC-to-DC Voltage Converter
2002
TC7660 MICROCHIP-TC7660_16 Datasheet
1Mb / 20P
Charge Pump DC-to-DC Voltage Converter
11/29/11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com