Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7660 Datasheet (PDF) - Microchip Technology

TC7660 Datasheet PDF - Microchip Technology
Part # TC7660
Download  TC7660 Download
File Size   91.09 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER

TC7660 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC7660 Datasheet PDF - Microchip Technology

Part # TC7660
Download  TC7660 Click to download

File Size   91.09 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER

TC7660 Datasheet (HTML) - Microchip Technology


TC7660 Product details

GENERAL DESCRIPTION
The TC7660 is a pin-compatible replacement for the Industry standard TC7660 charge pump voltage converter. It converts a +1.5V to +10V input to a corresponding – 1.5V to – 10V output using only two low-cost capacitors, eliminating inductors and their associated cost, size and EMI.

FEATURES
■ Converts +5V Logic Supply to ±5V System
■ Wide Input Voltage Range .................... 1.5V to 10V
■ Efficient Voltage Conversion ......................... 99.9%
■ Excellent Power Efficiency ............................... 98%
■ Low Power Supply ...............................80µA @ 5VIN
■ Low Cost and Easy to Use
    — Only Two External Capacitors Required
■ RS232 Negative Power Supply
■ Available in Small Outline (SO) Package
■ Improved ESD Protection ....................... Up to 3kV
■ No Dx Diode Required for High Voltage Operation




Similar Part No. - TC7660

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7660 TELCOM-TC7660 Datasheet
131Kb / 9P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7660CJA MICROCHIP-TC7660CJA Datasheet
386Kb / 18P
Charge Pump DC-to-DC Voltage Converter
2002
TC7660CJA MICROCHIP-TC7660CJA Datasheet
1Mb / 20P
Charge Pump DC-to-DC Voltage Converter
11/29/11
logo
TelCom Semiconductor, I...
TC7660COA TELCOM-TC7660COA Datasheet
131Kb / 9P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7660COA MICROCHIP-TC7660COA Datasheet
386Kb / 18P
Charge Pump DC-to-DC Voltage Converter
2002
More results


Similar Description - TC7660

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7660 ONSEMI-MC7660 Datasheet
191Kb / 12P
Charge Pump DC-to-DC Voltage Converter
February, 2000 ??Rev. 2
logo
TelCom Semiconductor, I...
TC1044S TELCOM-TC1044S Datasheet
141Kb / 8P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7660 TELCOM-TC7660 Datasheet
131Kb / 9P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7660S TELCOM-TC7660S Datasheet
136Kb / 8P
SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7662B TELCOM-TC7662B Datasheet
133Kb / 9P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC1044S MICROCHIP-TC1044S Datasheet
92Kb / 11P
Charge Pump DC-TO-DC Voltage Converter
2001
TC7660S MICROCHIP-TC7660S Datasheet
95Kb / 11P
SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7662B MICROCHIP-TC7662B Datasheet
92Kb / 11P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7660 MICROCHIP-TC7660_02 Datasheet
386Kb / 18P
Charge Pump DC-to-DC Voltage Converter
2002
TC7660 MICROCHIP-TC7660_16 Datasheet
1Mb / 20P
Charge Pump DC-to-DC Voltage Converter
11/29/11
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com