Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7660 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC7660
Description  CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660 Datasheet(HTML) 2 Page - Microchip Technology

  TC7660 Datasheet HTML 1Page - Microchip Technology TC7660 Datasheet HTML 2Page - Microchip Technology TC7660 Datasheet HTML 3Page - Microchip Technology TC7660 Datasheet HTML 4Page - Microchip Technology TC7660 Datasheet HTML 5Page - Microchip Technology TC7660 Datasheet HTML 6Page - Microchip Technology TC7660 Datasheet HTML 7Page - Microchip Technology TC7660 Datasheet HTML 8Page - Microchip Technology TC7660 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
TC7660
CHARGE PUMP DC-TO-DC
VOLTAGE CONVERTER
© 2001 Microchip Technology Inc.
DS21465A
TC7660-7 9/30/96
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage ...................................................... +10.5V
LV and OSC Inputs
Voltage (Note 1) .......................... – 0.3V to (V++0.3V)
for V+ < 5.5V
(V+ – 5.5V) to (V++0.3V)
for V+ > 5.5V
Current Into LV (Note 1) ..................... 20
µA for V+ > 3.5V
Output Short Duration (VSUPPLY ≤ 5.5V) ........ Continuous
Power Dissipation (TA ≤ 70°C) (Note 2)
CerDIP ............................................................ 800mW
Plastic DIP ...................................................... 730mW
SOIC ............................................................... 470mW
Operating Temperature Range
C Suffix .................................................. 0
°C to +70°C
I Suffix ............................................... – 25
°C to +85°C
E Suffix ............................................. – 40
°C to +85°C
M Suffix ........................................... – 55
°C to +125°C
Storage Temperature Range ................ – 65
°C to +150°C
Lead Temperature (Soldering, 10 sec) ................. +300
°C
*Static-sensitive device. Unused devices must be stored in conductive
material. Protect devices from static discharge and static fields. Stresses
above those listed under "Absolute Maximum Ratings" may cause perma-
nent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions above those
indicated in the operation sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods
may affect device reliability.
ELECTRICAL CHARACTERISTICS: Specifications Measured Over Operating Temperature Range With,
V+ = 5V, COSC = 0, Test Circuit (Figure 1), unless otherwise indicated.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
I+
Supply Current
RL =
∞
—
80
180
µA
V+H
Supply Voltage Range, High
Min
≤ TA ≤ Max,
3
—
10
V
RL = 10 kΩ, LV Open
V+L
Supply Voltage Range, Low
Min
≤ TA ≤ Max,
1.5
—
3.5
V
RL = 10 kΩ, LV to GND
ROUT
Output Source Resistance
IOUT = 20mA, TA = 25°C
—
70
100
Ω
IOUT = 20mA, 0°C ≤ TA ≤ +70°C
—
—
120
Ω
(C Device)
IOUT = 20mA, – 40°C ≤ TA ≤ +85°C
—
—
130
Ω
(I Device)
IOUT = 20mA, –55°C ≤ TA ≤ +125°C
—
104
150
Ω
(M Device)
V+ = 2V, IOUT = 3 mA, LV to GND
—
150
300
Ω
0
°C ≤ TA ≤ +70°C
V+ = 2V, IOUT = 3 mA, LV to GND
—
160
600
Ω
– 55
°C ≤ TA ≤ +125°C (Note 3)
FOSC
Oscillator Frequency
Pin 7 open
—
10
—
kHz
PEFF
Power Efficiency
RL = 5kΩ
95
98
—
%
VOUT EFF
Voltage Conversion Efficiency
RL =
∞
97
99.9
—
%
ZOSC
Oscillator Impedance
V+ = 2V
—
1
—
M
Ω
V+ = 5V
—
100
—
k
Ω
NOTES: 1. Connecting any input terminal to voltages greater than V+ or less than GND may cause destructive latch-up. It is recommended that no
inputs from sources operating from external supplies be applied prior to "power up" of the TC7660.
2. Derate linearly above 50
°C by 5.5 mW/°C.
3. TC7660M only.
4. The TC7660 can be operated without the Dx diode over full temperature and voltage range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com