Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7660 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC7660
Description  CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC7660 Datasheet HTML 3Page - Microchip Technology TC7660 Datasheet HTML 4Page - Microchip Technology TC7660 Datasheet HTML 5Page - Microchip Technology TC7660 Datasheet HTML 6Page - Microchip Technology TC7660 Datasheet HTML 7Page - Microchip Technology TC7660 Datasheet HTML 8Page - Microchip Technology TC7660 Datasheet HTML 9Page - Microchip Technology TC7660 Datasheet HTML 10Page - Microchip Technology TC7660 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
TC7660
CHARGE PUMP DC-TO-DC
VOLTAGE CONVERTER
© 2001 Microchip Technology Inc.
DS21465A
TC7660-7 9/30/96
Figure 5. Increased Output Voltage by Cascading Devices
Figure 4. Paralleling Devices Lowers Output Impedance
device latch-up, a 1k
Ω resistor must be used in series with
the clock output. In a situation where the designer has
generated the external clock frequency using TTL logic, the
addition of a 10k
Ω pull-up resistor to V+ supply is required.
Note that the pump frequency with external clocking, as with
internal clocking, will be 1/2 of the clock frequency. Output
transitions occur on the positive-going edge of the clock.
It is also possible to increase the conversion efficiency
of the TC7660 at low load levels by lowering the oscillator
frequency. This reduces the switching losses, and is achieved
by connecting an additional capacitor, COSC, as shown in
Figure 7. Lowering the oscillator frequency will cause an
undesirable increase in the impedance of the pump (C1) and
the reservoir (C2) capacitors. To overcome this, increase the
values of C1 and C2 by the same factor that the frequency
has been reduced. For example, the addition of a 100pF
capacitor between pin 7 (OSC) and pin 8 (V+) will lower the
oscillator frequency to 1kHz from its nominal frequency of
10kHz (a multiple of 10), and necessitate a corresponding
increase in the values of C1 and C2 (from 10µF to 100µF).
Cascading Devices
The TC7660 may be cascaded as shown (Figure 6) to
produce larger negative multiplication of the initial supply
voltage. However, due to the finite efficiency of each device,
the practical limit is 10 devices for light loads. The output
voltage is defined by:
VOUT = –n (VIN)
where n is an integer representing the number of devices
cascaded. The resulting output resistance would be ap-
proximately the weighted sum of the individual TC7660
ROUT values.
Changing the TC7660 Oscillator Frequency
It may be desirable in some applications (due to noise or
other considerations) to increase the oscillator frequency.
This is achieved by overdriving the oscillator from an exter-
nal clock, as shown in Figure 6. In order to prevent possible
1
2
3
4
8
7
6
5
TC7660
V
+
1
2
3
4
8
7
6
5
TC7660
C1
RL
C2
C1
"n"
"1"
+
1
2
3
4
8
7
6
5
V
+
1
2
3
4
8
7
6
5
10
µF
10
µF
"n"
"1"
10
µF
VOUT
1. VOUT = –n V
+
for 1.5V
V
10V
+
NOTES:
*
*
+
+
+
TC7660
TC7660



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com