Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7660 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC7660
Description  CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660 Datasheet(HTML) 1 Page - Microchip Technology

  TC7660 Datasheet HTML 1Page - Microchip Technology TC7660 Datasheet HTML 2Page - Microchip Technology TC7660 Datasheet HTML 3Page - Microchip Technology TC7660 Datasheet HTML 4Page - Microchip Technology TC7660 Datasheet HTML 5Page - Microchip Technology TC7660 Datasheet HTML 6Page - Microchip Technology TC7660 Datasheet HTML 7Page - Microchip Technology TC7660 Datasheet HTML 8Page - Microchip Technology TC7660 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TC7660
TC7660-7 9/30/96
EVALUATION
KIT
AVAILABLE
© 2001 Microchip Technology Inc.
DS21465A
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
FEATURES
s
Converts +5V Logic Supply to
±5V System
s
Wide Input Voltage Range .................... 1.5V to 10V
s
Efficient Voltage Conversion ......................... 99.9%
s
Excellent Power Efficiency ............................... 98%
s
Low Power Supply ............................... 80
µA @ 5V
IN
s
Low Cost and Easy to Use
— Only Two External Capacitors Required
s
RS232 Negative Power Supply
s
Available in Small Outline (SO) Package
s
Improved ESD Protection ....................... Up to 3kV
s
No Dx Diode Required for High Voltage Operation
GENERAL DESCRIPTION
The TC7660 is a pin-compatible replacement for the
Industry standard TC7660 charge pump voltage converter.
It converts a +1.5V to +10V input to a corresponding – 1.5V
to -10V output using only two low-cost capacitors, eliminat-
ing inductors and their associated cost, size and EMI.
The on-board oscillator operates at a nominal fre-
quency of 10kHz. Operation below 10kHz (for lower supply
current applications) is possible by connecting an external
capacitor from OSC to ground (with pin 1 open).
The TC7660 is available in both 8-pin DIP and 8-pin
SOIC packages in commercial and extended temperature
ranges.
ORDERING INFORMATION
Temperature
Part No.
Package
Range
TC7660COA
8-Pin SOIC
0
°C to +70°C
TC7660CPA
8-Pin Plastic DIP
0
°C to +70°C
TC7660EOA
8-Pin SOIC
– 40
°C to +85°C
TC7660EPA
8-Pin Plastic DIP
– 40
°C to +85°C
TC7660IJA
8-Pin CerDIP
– 40
°C to +85°C
TC7660MJA
8-Pin CerDIP
– 55
°C to +125°C
TC7660EV
Evaluation Kit for
Charge Pump Family
FUNCTIONAL BLOCK DIAGRAM
1
2
3
4
8
7
6
5
TC7660CPA
TC7660EPA
TC7660IJA
NC
CAP +
GND
CAP –
NC
CAP +
GND
CAP
–
VOUT
LOW
VOLTAGE (LV)
OSC
+
V
VOUT
LOW
VOLTAGE (LV)
OSC
+
V
NC = NO INTERNAL CONNECTION
1
2
3
4
8
7
6
5
TC7660COA
TC7660CPA
TC7660
GND
INTERNAL
VOLTAGE
REGULATOR
RC
OSCILLATOR
VOLTAGE–
LEVEL
TRANSLATOR
÷ 2
V + CAP +
82
7
6
OSC
LV
3
LOGIC
NETWORK
VOUT
5
CAP –
4
PIN CONFIGURATION (DIP and SOIC)


Similar Part No. - TC7660

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7660 TELCOM-TC7660 Datasheet
131Kb / 9P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7660CJA MICROCHIP-TC7660CJA Datasheet
386Kb / 18P
Charge Pump DC-to-DC Voltage Converter
2002
TC7660CJA MICROCHIP-TC7660CJA Datasheet
1Mb / 20P
Charge Pump DC-to-DC Voltage Converter
11/29/11
logo
TelCom Semiconductor, I...
TC7660COA TELCOM-TC7660COA Datasheet
131Kb / 9P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7660COA MICROCHIP-TC7660COA Datasheet
386Kb / 18P
Charge Pump DC-to-DC Voltage Converter
2002
More results

Similar Description - TC7660

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7660 ONSEMI-MC7660 Datasheet
191Kb / 12P
Charge Pump DC-to-DC Voltage Converter
February, 2000 ??Rev. 2
logo
TelCom Semiconductor, I...
TC1044S TELCOM-TC1044S Datasheet
141Kb / 8P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7660 TELCOM-TC7660 Datasheet
131Kb / 9P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7660S TELCOM-TC7660S Datasheet
136Kb / 8P
SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7662B TELCOM-TC7662B Datasheet
133Kb / 9P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC1044S MICROCHIP-TC1044S Datasheet
92Kb / 11P
Charge Pump DC-TO-DC Voltage Converter
2001
TC7660S MICROCHIP-TC7660S Datasheet
95Kb / 11P
SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7662B MICROCHIP-TC7662B Datasheet
92Kb / 11P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7660 MICROCHIP-TC7660_02 Datasheet
386Kb / 18P
Charge Pump DC-to-DC Voltage Converter
2002
TC7660 MICROCHIP-TC7660_16 Datasheet
1Mb / 20P
Charge Pump DC-to-DC Voltage Converter
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com