Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1977 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

2SA1977 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # 2SA1977
Download  2SA1977 Download
File Size   36.54 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description PNP Epitaxial Silicon Transistor

2SA1977 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1977 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1977
Download  2SA1977 Click to download

File Size   36.54 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description PNP Epitaxial Silicon Transistor

2SA1977 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


2SA1977 Product details

Features
● High fT :fT = 8.5 GHz TYP.
● High gain
   | S21e |2 = 12.0 dB TYP. @f = 1.0 GHz, VCE = -8 V, IC = -20 mA
● High-speed switching characterstics




Similar Part No. - 2SA1977

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1977 NEC-2SA1977 Datasheet
58Kb / 7P
PNP EPITAXIAL SILICON TRANSISTOR MICROWAVE AMPLIFIER
logo
Renesas Technology Corp
2SA1977 RENESAS-2SA1977 Datasheet
191Kb / 14P
PNP EPITAXIAL SILICON TRANSISTOR MICROWAVE AMPLIFIER
logo
California Eastern Labs
2SA1977 CEL-2SA1977 Datasheet
1Mb / 12P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Renesas Technology Corp
2SA1977-T1B-A RENESAS-2SA1977-T1B-A Datasheet
191Kb / 14P
PNP EPITAXIAL SILICON TRANSISTOR MICROWAVE AMPLIFIER
2SA1977 RENESAS-2SA1977_15 Datasheet
191Kb / 14P
PNP EPITAXIAL SILICON TRANSISTOR MICROWAVE AMPLIFIER
More results


Similar Description - 2SA1977

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC2SA1015 UTC-UTC2SA1015 Datasheet
62Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Samsung semiconductor
2N5401 SAMSUNG-2N5401 Datasheet
76Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
BCW69 SAMSUNG-BCW69 Datasheet
28Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BCX71G FAIRCHILD-BCX71G Datasheet
31Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
FJN4303R FAIRCHILD-FJN4303R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4202R FAIRCHILD-FJNS4202R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4204R FAIRCHILD-FJNS4204R Datasheet
65Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4210R FAIRCHILD-FJNS4210R Datasheet
32Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4212R FAIRCHILD-FJNS4212R Datasheet
26Kb / 3P
PNP Epitaxial Silicon Transistor
FJV4102R FAIRCHILD-FJV4102R Datasheet
55Kb / 4P
PNP Epitaxial Silicon Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com