Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1977 Datasheet (PDF) - California Eastern Labs

2SA1977 Datasheet PDF - California Eastern Labs
Part # 2SA1977
Download  2SA1977 Download
File Size   1458.66 Kbytes
Page   12 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description PNP EPITAXIAL SILICON TRANSISTOR

2SA1977 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1977 Datasheet PDF - California Eastern Labs

Part # 2SA1977
Download  2SA1977 Click to download

File Size   1458.66 Kbytes
Page   12 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description PNP EPITAXIAL SILICON TRANSISTOR

2SA1977 Datasheet (HTML) - California Eastern Labs


2SA1977 Product details

FEATURES
• High fT
   fT = 8.5 GHz TYP.
• High gain
   | S21e | 2 = 12.0 dB TYP. @f = 1.0 GHz, VCE = −8 V, IC = −20 mA
• High-speed switching characterstics
• Equivalent NPN transistor is the NE68133 / 2SC3583.




Similar Part No. - 2SA1977

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1977 NEC-2SA1977 Datasheet
58Kb / 7P
PNP EPITAXIAL SILICON TRANSISTOR MICROWAVE AMPLIFIER
logo
Guangdong Kexin Industr...
2SA1977 KEXIN-2SA1977 Datasheet
36Kb / 1P
PNP Epitaxial Silicon Transistor
logo
Renesas Technology Corp
2SA1977 RENESAS-2SA1977 Datasheet
191Kb / 14P
PNP EPITAXIAL SILICON TRANSISTOR MICROWAVE AMPLIFIER
2SA1977-T1B-A RENESAS-2SA1977-T1B-A Datasheet
191Kb / 14P
PNP EPITAXIAL SILICON TRANSISTOR MICROWAVE AMPLIFIER
2SA1977 RENESAS-2SA1977_15 Datasheet
191Kb / 14P
PNP EPITAXIAL SILICON TRANSISTOR MICROWAVE AMPLIFIER
More results


Similar Description - 2SA1977

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC2SA1015 UTC-UTC2SA1015 Datasheet
62Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Samsung semiconductor
2N5401 SAMSUNG-2N5401 Datasheet
76Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
BCW69 SAMSUNG-BCW69 Datasheet
28Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BCX71G FAIRCHILD-BCX71G Datasheet
31Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
FJN4303R FAIRCHILD-FJN4303R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4202R FAIRCHILD-FJNS4202R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4204R FAIRCHILD-FJNS4204R Datasheet
65Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4210R FAIRCHILD-FJNS4210R Datasheet
32Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4212R FAIRCHILD-FJNS4212R Datasheet
26Kb / 3P
PNP Epitaxial Silicon Transistor
FJV4102R FAIRCHILD-FJV4102R Datasheet
55Kb / 4P
PNP Epitaxial Silicon Transistor
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com