Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS401 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

1SS401 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # 1SS401
Download  1SS401 Download
File Size   43.29 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description HIGH SPEED SWITCHING APPLICATIONS

1SS401 Datasheet (PDF)

Go To PDF Page Download Datasheet
1SS401 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # 1SS401
Download  1SS401 Click to download

File Size   43.29 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description HIGH SPEED SWITCHING APPLICATIONS

1SS401 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


1SS401 Product details

Features

• Low forward voltage:VF(3) = 0.38 V(Typ)

• Low reverse current:IR = 50 A

• Small total capacitance:CT = 46 pF(Typ)



 




Similar Part No. - 1SS401

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS401 TOSHIBA-1SS401 Datasheet
107Kb / 2P
DIODE (HIGH SPEED SWITCHING APPLICATIONS)
1SS401 TOSHIBA-1SS401 Datasheet
173Kb / 3P
High Speed Switching Applications
logo
Galaxy Semi-Conductor H...
1SS401 BILIN-1SS401 Datasheet
111Kb / 2P
Schottky Barrier Diode
Rev.A
logo
Shenzhen Jin Yu Semicon...
1SS401 HTSEMI-1SS401 Datasheet
299Kb / 2P
Schottoky DIODES
logo
Shenzhen Luguang Electr...
1SS401 LUGUANG-1SS401 Datasheet
257Kb / 2P
Schottoky Diode
More results


Similar Description - 1SS401

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6N16FE TOSHIBA-SSM6N16FE Datasheet
143Kb / 5P
High Speed Switching Applications Analog Switching Applications
SSM3K16FU TOSHIBA-SSM3K16FU Datasheet
137Kb / 5P
High Speed Switching Applications Analog Switching Applications
2SJ344 TOSHIBA-2SJ344_07 Datasheet
580Kb / 5P
High Speed Switching Applications
2SJ346 TOSHIBA-2SJ346_07 Datasheet
568Kb / 5P
High Speed Switching Applications
1SS419 TOSHIBA-1SS419 Datasheet
122Kb / 3P
High-Speed Switching Applications
SSM3K04FV TOSHIBA-SSM3K04FV Datasheet
527Kb / 5P
High Speed Switching Applications
SSM3K15FU TOSHIBA-SSM3K15FU_07 Datasheet
202Kb / 5P
High Speed Switching Applications
logo
Guangdong Kexin Industr...
2SC4522 KEXIN-2SC4522 Datasheet
45Kb / 2P
High-Speed Switching Applications
logo
Toshiba Semiconductor
SSM6N44FE TOSHIBA-SSM6N44FE Datasheet
154Kb / 5P
High Speed Switching Applications Analog Switching Applications
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
High-Speed Switching Applications Analog Switching Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com